Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

52719 Datasheet(PDF) 16 Page - Wiha Tools

Part # 52719
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52719 Datasheet(HTML) 16 Page - Wiha Tools

Back Button 52719 Datasheet HTML 12Page - Wiha Tools 52719 Datasheet HTML 13Page - Wiha Tools 52719 Datasheet HTML 14Page - Wiha Tools 52719 Datasheet HTML 15Page - Wiha Tools 52719 Datasheet HTML 16Page - Wiha Tools 52719 Datasheet HTML 17Page - Wiha Tools 52719 Datasheet HTML 18Page - Wiha Tools 52719 Datasheet HTML 19Page - Wiha Tools 52719 Datasheet HTML 20Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
Wiha
Tools 2 Packs & 10 Packs
Screwdriver, With Wing Handle - 2 & 10 Packs
Blade high alloy CVM steel, hardened, black finish. Wing handle high quality plastic, impact resistant.
Item
No.
Size mm Inch mm Inch mm Inch lbs. pkg.
IP5
35
1.4
70 2.7 40 1.6 .02 10
IP6
35
1.4
70 2.7 40 1.6 .02 10
IP7
35
1.4
70 2.7 40 1.6 .02 10
IP8
40
1.6
75 3.0 40 1.6 .02 10
IP9
40
1.6
75 3.0 40 1.6 .02 10
IP10 40
1.6
75 3.0 40 1.6 .02 10
IP15 45
1.8
80 3.1 40 1.6 .02 10
IP20 45
1.8
80 3.1 40 1.6 .02 10
Not for use in standard Torx fasteners
Not for use in standard Torx fasteners
7 Pc. Wing Handle
Set In Metal Stand. Equipped with IP6, IP7,
IP8, IP9, IP10, IP15, IP20
Item
No.
lbs.
pkg.
.38
1
Screwdriver, With Flag Handle - 2 & 10 Packs
Ideal for use with indexable carbide tooling and also for working in confined spaces. Blade high
alloy CVM steel, hardened, black finish. Flag handle high quality plastic, impact resistant.
Item
No.
Size mm Inch mm Inch mm Inch lbs. pkg.
IP5
35
1.4
63 2.6 15.0 .75
.01 10
IP6
35
1.4
63 2.6 15.0 .75
.01 10
IP7
35
1.4
67 2.6 19.0 .75
.01 10
IP8
40
1.6
72 2.8 19.0 .75
.01 10
IP9
40
1.6
74 2.9 23.5 .93
.01 10
IP10 40
1.6
74 2.9 23.5 .93
.01 10
IP15 45
1.8
80 3.1 28.0 1.10 .02 10
IP20 45
1.8
80 3.1 28.0 1.10 .02 10
Flag Handle
Set,
7 Pc. in Metal Stand
Set includes:
lbs. .31
IP6, IP7, IP8, IP9, IP10, IP15, IP20
Wiha PocketStar Fold Out
PocketStar Fold
Outs, 8 Pc. Set High alloy CVM steel,
hardened, molded ergonomic handle.
Item No.
PocketStar
lbs. .31
: IP6, IP7, IP8, IP9,
IP10, IP15, IP20, IP25
Push button
key release
The
Advantage
• Broad Surface For Driving
• Features 0O Drive Angle Between The Fastener & Driver
• Greater Engagement Depth
60o
0o
Not for use in standard Torx fasteners
The TorxPlus® Drive System offers 100% improvement in driver bit fatigue & 25%
average improvement in driver bit torsional strength. In addition its unique
design provides optimum torque transfer & eliminates the need for
excessive end load pressure while driving the fastener. The TorxPlus®
configuration also virtually eliminates tool “camout” & slippage that
can damage the head of the fastener and cause reduced tool life.
Item
No.
Size pkg.
IP5
2
IP6
2
IP7
2
IP8
2
IP9
2
IP10 2
IP15 2
IP20 2
Item
No.
Size pkg.
IP5
2
IP6
2
IP7
2
IP8
2
IP9
2
IP10 2
IP15 2
IP20 2
Toll Free: (800) 494-6104
36697
36697
36592
36592
370
37063
37064
37065
37066
37067
37068
37069
37070
37092
365
36539
36541
36543
36545
36547
36549
36551
36553
37014
37015
37017
37018
37021
37023
37024
37027
36524
36526
36527
36528
36529
36531
36532
36533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com