Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2010 Datasheet(PDF) 101 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 101 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 97Page - Microchip Technology DSPIC30F2010 Datasheet HTML 98Page - Microchip Technology DSPIC30F2010 Datasheet HTML 99Page - Microchip Technology DSPIC30F2010 Datasheet HTML 100Page - Microchip Technology DSPIC30F2010 Datasheet HTML 101Page - Microchip Technology DSPIC30F2010 Datasheet HTML 102Page - Microchip Technology DSPIC30F2010 Datasheet HTML 103Page - Microchip Technology DSPIC30F2010 Datasheet HTML 104Page - Microchip Technology DSPIC30F2010 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 101
dsPIC30F2010
16.6
Software Controlled Clock
Stretching (STREN = 1)
When the STREN bit is ‘1’, the SCLREL bit may be
cleared by software to allow software to control the
clock stretching. The logic will synchronize writes to
the SCLREL bit with the SCL clock. Clearing the
SCLREL bit will not assert the SCL output until the
module detects a falling edge on the SCL output and
SCL is sampled low. If the SCLREL bit is cleared by
the user while the SCL line has been sampled low, the
SCL output will be asserted (held low). The SCL
output will remain low until the SCLREL bit is set, and
all other devices on the I2C bus have de-asserted
SCL. This ensures that a write to the SCLREL bit will
not violate the minimum high time requirement for
SCL.
If the STREN bit is ‘0’, a software write to the SCLREL
bit will be disregarded and have no effect on the
SCLREL bit.
16.7
Interrupts
The I2C module generates two interrupt flags, MI2CIF
(I2C Master Interrupt Flag) and SI2CIF (I2C Slave
Interrupt Flag). The MI2CIF interrupt flag is activated
on completion of a master message event. The SI2CIF
interrupt flag is activated on detection of a message
directed to the slave.
16.8
Slope Control
The I2C standard requires slope control on the SDA
and SCL signals for Fast Mode (400 kHz). The control
bit, DISSLW, enables the user to disable slew rate
control, if desired. It is necessary to disable the slew
rate control for 1 MHz mode.
16.9
IPMI Support
The control bit IPMIEN enables the module to support
Intelligent Peripheral Management Interface (IPMI).
When this bit is set, the module accepts and acts upon
all addresses.
16.10 General Call Address Support
The general call address can address all devices.
When this address is used, all devices should, in
theory, respond with an acknowledgement.
The general call address is one of eight addresses
reserved for specific purposes by the I2C protocol. It
consists of all 0s with R_W = 0.
The general call address is recognized when the
General
Call
Enable
(GCEN)
bit
is
set
(I2CCON<15> = 1). Following a Start bit detection, 8
bits are shifted into I2CRSR and the address is
compared with I2CADD, and is also compared with the
general call address which is fixed in hardware.
If a general call address match occurs, the I2CRSR is
transferred to the I2CRCV after the eighth clock, the
RBF flag is set, and on the falling edge of the ninth bit
(ACK bit), the master event interrupt flag (MI2CIF) is
set.
When the interrupt is serviced, the source for the
interrupt can be checked by reading the contents of the
I2CRCV to determine if the address was device
specific, or a general call address.
16.11 I2C Master Support
As a Master device, six operations are supported.
• Assert a Start condition on SDA and SCL.
• Assert a Restart condition on SDA and SCL.
• Write to the I2CTRN register initiating
transmission of data/address.
• Generate a Stop condition on SDA and SCL.
• Configure the I2C port to receive data.
• Generate an ACK condition at the end of a
received byte of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com