Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS1012AXE7KKB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LS1012AXE7KKB
Description  QorIQ LS1012A
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012AXE7KKB Datasheet(HTML) 3 Page - NXP Semiconductors

  LS1012AXE7KKB Datasheet HTML 1Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 2Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 3Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 4Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 5Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 6Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 7Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 8Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
1 Overview
The LS1012A processor features an advanced 64-bit Arm® Cortex®-A53 processor core
with ECC-protected L1 and L2 cache memories along with datapath acceleration and
network, peripheral interfaces required for networking, wireless infrastructure, and
general-purpose embedded applications.
This figure shows the block diagram of the chip.
Watchpoint
Cross
Trigger
Trust Zone
Power Management
SPI
DUART
16-bit
DDR3L
Memory Controller
Real Time Debug
Perf
Monitor
2x GPIO, 2x I2C
2x eSDHC
256 KB
L2 - Cache
Secure Boot
2x FlexTimers
Security 5.5
(XoR, CRC)
PFE
MAC1
Trace
3-Lane 6 GHz SerDes
USB3.0 w/PHY
QuadSPI
Cache Coherent Interconnect (CCI-400™)
32 KB
D-Cache
32 KB
I-Cache
Arm® Cortex®
A53 64b Core
5x I2S
MAC2
USB2.0 (ULPI)
eDMA
Figure 1. LS1012A block diagram
2 Pin assignments
This section describes the ball map diagram and pin list table for LS1012A.
2.1 211 LGA ball layout diagrams
This figure shows the complete view of the LS1012A LGA ball map diagram. Figure 3,
Figure 4, Figure 5, and Figure 6 show quadrant views.
Overview
QorIQ LS1012A Data Sheet, Rev. 2, 01/2019
NXP Semiconductors
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com