Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS1012AXE7KKB Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LS1012AXE7KKB
Description  QorIQ LS1012A
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012AXE7KKB Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LS1012AXE7KKB Datasheet HTML 40Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 41Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 42Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 43Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 44Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 45Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 46Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 47Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
Table 20. DUART DC electrical characteristics (O2VDD = 1.8 V)3 (continued)
Parameter
Symbol
Min
Max
Unit
Notes
Note:
1. The minimum VIL and the maximum VIH values are based on the respective minimum and maxium O2VIN values found in Table 4.
2. The symbol represents the input voltage of the supply. It is referenced in Table 4.
3. For recommended operating conditions, see Table 4.
3.10.2 DUART AC timing specifications
Table below provides the AC timing specifications for the DUART interface.
Table 21. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
fCCB/1,048,576
baud
1
Maximum baud rate
fCCB/16
baud
1, 2
Oversample rate
16
-
3
Notes:
1. fCCB refers to the internal platform clock.
2. The actual attainable baud rate is limited by the latency of interrupt processing.
3. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values
are sampled each at 16th sample.
4. For recommended operating conditions, see Table 4.
3.11 Enhanced secure digital host controller (eSDHC)
This section describes the DC and AC electrical specifications for the eSDHC interface.
3.11.1 eSDHC DC electrical characteristics
This table provides the DC electrical characteristics for the eSDHC interface. This device
has two eSDHC interfaces. Out of the two, eSDHC2 supports only 1.8 V voltage levels.
Table 22. eSDHC interface DC electrical characteristics EVDD = 3.3 V)2
Characteristic
Sym
bol
Condition
Min
Max
Unit
Note
s
Input high voltage
VIH
-
0.7 x EVDD
-
V
1
Table continues on the next page...
Electrical characteristics
QorIQ LS1012A Data Sheet, Rev. 2, 01/2019
44
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com