Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS1012AXE7KKB Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LS1012AXE7KKB
Description  QorIQ LS1012A
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012AXE7KKB Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LS1012AXE7KKB Datasheet HTML 35Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 36Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 37Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 38Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 39Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 40Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 41Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 42Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
3.9 DDR3L SDRAM controller
This section describes the DC and AC electrical specifications for the DDR3L SDRAM
controller interface. Note that the required G1VDD(typ) voltage is 1.35 V when
interfacing to DDR3L SDRAM.
3.9.1 DDR3L SDRAM interface DC electrical characteristics
This table provides the recommended operating conditions for the DDR SDRAM
controller when interfacing to DDR3L SDRAM.
Table 16. DDR3L SDRAM interface DC electrical characteristics 1, 8
Parameter
Symbol
Min
Max
Unit
Note
I/O reference voltage
MVREFn
0.49 x G1VDD
0.51 x G1VDD
V
2, 3, 4
Input high voltage
VIH
MVREFn + 0.115
G1VDD
V
5
Input low voltage
VIL
GND
MVREFn - 0.115
V
5
I/O leakage current
IOZ
-100
100
μA
7
Notes:
1. G1VDD is expected to be within 50 mV of the DRAM's voltage supply at all times. The DRAM's and memory controller's
voltage supply may or may not be from the same source.
2. MVREFn is expected to be equal to 0.5 x G1VDD and to track G1VDD DC variations as measured at the receiver. Peak-to-
peak noise on MVREFn may not exceed the MVREFn DC level by more than ± 1% of G1VDD (that is, ± 13.5 mV).
3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made, and it is expected to be
equal to MVREFn with a min value of MVREFn - 0.04 and a max value of MVREFn + 0.04. VTT should track variations in the
DC level of MVREFn.
4. The voltage regulator for MVREFn must meet the specifications stated in Table 17.
5. Input capacitance load for DQ, DQS, and DQS_B are available in the IBIS models.
6. Refer to the IBIS model for the complete output IV curve characteristics.
7. Output leakage is measured with all outputs disabled, 0 V ≤ VOUT ≤ G1VDD.
8. For recommended operating conditions, see Table 4.
This table provides the current draw characteristics for MVREFn.
Table 17. Current draw characteristics for MVREFn
Parameter
Symbol
Min
Max
Unit
Notes
Current draw for DDR3L SDRAM for
MVREFn
IMVREFn
-
200
μA
-
Notes:
1. For recommended operating conditions, see Table 4.
Electrical characteristics
QorIQ LS1012A Data Sheet, Rev. 2, 01/2019
NXP Semiconductors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com