Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS1012AXE7KKB Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LS1012AXE7KKB
Description  QorIQ LS1012A
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012AXE7KKB Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LS1012AXE7KKB Datasheet HTML 45Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 46Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 47Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 48Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 49Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 50Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 51Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 52Page - NXP Semiconductors LS1012AXE7KKB Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
Table 26. eSDHC AC timing specifications (DDR50/eMMC DDR)3
Parameter
Symbol
Min
Max
Unit
Notes
SDHC_CLK clock frequency
fSHCK
-
-
41.67
41.67
MHz
-
SD/SDIO DDR50 mode
eMMC DDR mode
SDHC_CLK duty cycle
-
47.5
52.5
%
-
SDHC_CLK clock rise and fall times
tSHCKR/
tSHCKF
-
-
4.79
2
ns
1
2
SD/SDIO DDR50 mode
eMMC DDR mode
Input setup times: SDHC_DATx to SDHC_CLK
tSHDIVKH
-
1.795
1.89
-
ns
1
2
3
SD/SDIO DDR50 mode
eMMC DDR mode
Input hold times: SDHC_DATx to SDHC_CLK
tSHDIXKH
-
1.2
1.18
-
ns
1
2
3
SD/SDIO DDR50 mode
eMMC DDR mode
Output hold time: SDHC_CLK to SDHC_DATx valid
tSHDKHOX
-
1.7
3.42
-
ns
1
2
SD/SDIO DDR50 mode
eMMC DDR mode
Output delay time: SDHC_CLK to SDHC_DATx valid
tSHDKHOV
-
-
8.19
8.79
ns
1
2
SD/SDIO DDR50 mode
eMMC DDR mode
Input setup times: SDHC_CMD to SDHC_CLK
tSHCIVKH
-
6.59
6.74
-
ns
1
2
3
SD/SDIO DDR50 mode
eMMC DDR mode
Input hold times: SDHC_CMD to SDHC_CLK
tSHCIXKH
-
1.2
1.18
-
ns
1
2
3
SD/SDIO DDR50 mode
eMMC DDR mode
Output hold time: SDHC_CLK to SDHC_CMD valid
tSHCKHOX
-
1.7
3.92
-
ns
1
2
SD/SDIO DDR50 mode
eMMC DDR mode
Output delay time: SDHC_CLK to SDHC_CMD valid
tSHCKHOV
-
-
17.15
19.84
ns
1
2
SD/SDIO DDR50 mode
eMMC DDR mode
Notes:
1. CCARD ≤ 10pF, (1 card).
2. CL = CBUS + CHOST + CCARD ≤ 20pF for eMMC, ≤ 25pF for Input Data of DDR50, ≤ 30pF for Input CMD of DDR50.
3. Round trip board delay should not be greater than 2.4ns.
4. The AC timing specifications are based on the recommended operating conditions with EVDD/O1VDD = 1.8 V.
This figure provides the eSDHC DDR50/eMMC DDR mode input AC timing diagram.
Electrical characteristics
QorIQ LS1012A Data Sheet, Rev. 2, 01/2019
NXP Semiconductors
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com