Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72101G2M3 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 58Page - STMicroelectronics ST72101G2M3 Datasheet HTML 59Page - STMicroelectronics ST72101G2M3 Datasheet HTML 60Page - STMicroelectronics ST72101G2M3 Datasheet HTML 61Page - STMicroelectronics ST72101G2M3 Datasheet HTML 62Page - STMicroelectronics ST72101G2M3 Datasheet HTML 63Page - STMicroelectronics ST72101G2M3 Datasheet HTML 64Page - STMicroelectronics ST72101G2M3 Datasheet HTML 65Page - STMicroelectronics ST72101G2M3 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
62/84
ST72101/ST72212/ST72213
4.5 8-BIT A/D CONVERTER (ADC)
4.5.1 Introduction
The on-chip Analog to Digital Converter (ADC) pe-
ripheral is a 8-bit, successive approximation con-
verter with internal sample and hold circuitry. This
peripheral has up to 8 multiplexed analog input
channels (refer to device pin out description) that
allow the peripheral to convert the analog voltage
levels from up to 8 different sources.
The result of the conversion is stored in a 8-bit
Data Register. The A/D converter is controlled
through a Control/Status Register.
4.5.2 Main Features
s
8-bit conversion
s
Up to 8 channels with multiplexed input
s
Linear successive approximation
s
Data register (DR) which contains the results
s
Conversion complete status flag
s
On/off bit (to reduce consumption)
The block diagram is shown in Figure 39.
Figure 39. ADC block diagram
SAMPLE
ANALOG
MUX
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
(Control Status Register) CSR
(Data Register) DR
&
HOLD
fCPU
ANALOG TO
DIGITAL
CONVERTER
COCO
0CH0
CH1
CH2
-
-
ADON
AD7
AD4
AD0
AD1
AD2
AD3
AD6
AD5
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com