Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72101G2M3 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 60Page - STMicroelectronics ST72101G2M3 Datasheet HTML 61Page - STMicroelectronics ST72101G2M3 Datasheet HTML 62Page - STMicroelectronics ST72101G2M3 Datasheet HTML 63Page - STMicroelectronics ST72101G2M3 Datasheet HTML 64Page - STMicroelectronics ST72101G2M3 Datasheet HTML 65Page - STMicroelectronics ST72101G2M3 Datasheet HTML 66Page - STMicroelectronics ST72101G2M3 Datasheet HTML 67Page - STMicroelectronics ST72101G2M3 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
64/84
ST72101/ST72212/ST72213
8-BIT A/D CONVERTER (ADC) (Cont’d)
4.5.6 Register Description
CONTROL/STATUS REGISTER (CSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = COCO
Conversion Complete
This bit is set by hardware. It is cleared by soft-
ware reading the result in the DR register or writing
to the CSR register.
0: Conversion is not complete.
1: Conversion can be read from the DR register.
Bit 6 = Reserved. Must always be cleared.
Bit 5 = ADON
A/D converter On
This bit is set and cleared by software.
0: A/D converter is switched off.
1: A/D converter is switched on.
Note: a typically 30
µs delay time is necessary for
the ADC to stabilize when the ADON bit is set.
Bit 4 = Reserved. Forced by hardware to 0.
Bit 3 = Reserved. Must always be cleared.
Bits 2-0: CH[2:0]
Channel Selection
These bits are set and cleared by software. They
select the analog input to convert.
Table 19. Channel Selection
*IMPORTANT NOTE: The number of pins AND
the channel selection vary according to the device.
REFER TO THE DEVICE PINOUT).
DATA REGISTER (DR)
Read Only
Reset Value: 0000 0000 (00h)
Bit 7:0 = AD[7:0]
Analog Converted Value
This register contains the converted analog value
in the range 00h to FFh.
Reading this register reset the COCO flag.
Table 20. ADC Register Map
70
COCO
-
ADON
0
-
CH2
CH1
CH0
Pin*
CH2
CH1
CH0
AIN0
0
0
0
AIN1
0
0
1
AIN2
0
1
0
AIN3
0
1
1
AIN4
1
0
0
AIN5
1
0
1
AIN6
1
1
0
AIN7
1
1
1
70
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Address
(Hex.)
Register
Name
765
4
3
21
0
70
Reset Value
DR
AD7
0
AD6
0
AD5
0
AD4
0
AD3
0
AD2
0
AD1
0
AD0
0
71
Reset Value
CSR
COCO
0
-
0
ADON
0
0
0
-
0
CH2
0
CH1
0
CH0
0
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com