Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72101G2M3 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 76Page - STMicroelectronics ST72101G2M3 Datasheet HTML 77Page - STMicroelectronics ST72101G2M3 Datasheet HTML 78Page - STMicroelectronics ST72101G2M3 Datasheet HTML 79Page - STMicroelectronics ST72101G2M3 Datasheet HTML 80Page - STMicroelectronics ST72101G2M3 Datasheet HTML 81Page - STMicroelectronics ST72101G2M3 Datasheet HTML 82Page - STMicroelectronics ST72101G2M3 Datasheet HTML 83Page - STMicroelectronics ST72101G2M3 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
80/84
ST72101/ST72212/ST72213
7 GENERAL INFORMATION
7.1 EPROM ERASURE
EPROM version devices are erased by exposure
to high intensity UV light admitted through the
transparent window. This exposure discharges the
floating gate to its initial state through induced
photo current.
It is recommended that the EPROM devices be
kept out of direct sunlight, since the UV content of
sunlight can be sufficient to cause functional fail-
ure. Extended exposure to room level fluorescent
lighting may also cause erasure.
An opaque coating (paint, tape, label, etc...)
should be placed over the package window if the
product is to be operated under these lighting con-
ditions. Covering the window also reduces IDD in
power-saving modes due to photo-diode leakage
currents.
An Ultraviolet source of wave length 2537 Å yield-
ing a total integrated dosage of 15 Watt-sec/cm2 is
required to erase the device. It will be erased in 15
to 20 minutes if such a UV lamp with a 12mW/cm2
power rating is placed 1 inch from the device win-
dow without any interposed filters.
7.2 PACKAGE MECHANICAL DATA
Figure 51. 28-Pin Small Outline Package, 300-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.0926
0.1043
A1
0.10
0.30 0.0040
0.0118
B
0.33
0.51
0.013
0.020
C
0.23
0.32 0.0091
0.0125
D
17.70
18.10 0.6969
0.7125
E
7.40
7.60 0.2914
0.2992
e
1.27
0.0500
H
10.01
10.64 0.394
0.419
h
0.25
0.74
0.010
0.029
K
0
°
8
°
L
0.41
1.27
0.016
0.050
G
0.10
0.004
Number of Pins
N28
SO28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com