Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72101G2M3 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 67Page - STMicroelectronics ST72101G2M3 Datasheet HTML 68Page - STMicroelectronics ST72101G2M3 Datasheet HTML 69Page - STMicroelectronics ST72101G2M3 Datasheet HTML 70Page - STMicroelectronics ST72101G2M3 Datasheet HTML 71Page - STMicroelectronics ST72101G2M3 Datasheet HTML 72Page - STMicroelectronics ST72101G2M3 Datasheet HTML 73Page - STMicroelectronics ST72101G2M3 Datasheet HTML 74Page - STMicroelectronics ST72101G2M3 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
71/84
ST72101/ST72212/ST72213
6 ELECTRICAL CHARACTERISTICS
6.1 ABSOLUTE MAXIMUM RATINGS
This product contains devices to protect the inputs
against damage due to high static voltages, how-
ever it is advisable to take normal precaution to
avoid application of any voltage higher than the
specified maximum rated voltages.
For proper operation it is recommended that VI
and VO be higher than VSS and lower than VDD.
Reliability is enhanced if unused inputs are con-
nected to an appropriate logic voltage level (VDD
or VSS).
Power Considerations.The average chip-junc-
tion temperature, TJ, in Celsius can be obtained
from:
TJ=
TA + PD x RthJA
Where: TA =
Ambient Temperature.
RthJA = Package thermal resistance
(junction-to ambient).
PD =PINT +PPORT.
PINT =IDD xVDD (chip internal power).
PPORT =Port power dissipation
determined by the user)
Note: Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these conditions is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 6.0
V
VI
Input Voltage
VSS - 0.3 to VDD + 0.3
V
VAI
Analog Input Voltage (A/D Converter)
VSS - 0.3 to VDD + 0.3
V
VO
Output Voltage
VSS - 0.3 to VDD + 0.3
V
IVDD
Total Current into VDD (source)
80
mA
IVSS
Total Current out of VSS (sink)
80
mA
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-60 to 150
°C
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com