Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120V9Q Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST92F120V9Q
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST92F120V9Q Datasheet HTML 79Page - STMicroelectronics ST92F120V9Q Datasheet HTML 80Page - STMicroelectronics ST92F120V9Q Datasheet HTML 81Page - STMicroelectronics ST92F120V9Q Datasheet HTML 82Page - STMicroelectronics ST92F120V9Q Datasheet HTML 83Page - STMicroelectronics ST92F120V9Q Datasheet HTML 84Page - STMicroelectronics ST92F120V9Q Datasheet HTML 85Page - STMicroelectronics ST92F120V9Q Datasheet HTML 86Page - STMicroelectronics ST92F120V9Q Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 320 page
background image
83/320
ST92F120 - INTERRUPTS
5.10 INTERRUPT REGISTERS
CENTRAL INTERRUPT CONTROL REGISTER
(CICR)
R230 - Read/Write
Register Group: System
Reset value: 1000 0111 (87h)
Bit 7 = GCEN:
Global Counter Enable.
This bit enables the 16-bit Multifunction Timer pe-
ripheral.
0: MFT disabled
1: MFT enabled
Bit 6 = TLIP:
Top Level Interrupt Pending.
This bit is set by hardware when Top Level Inter-
rupt (TLI) trigger event occurs. It is cleared by
hardware when a TLI is acknowledged. It can also
be set by software to implement a software TLI.
0: No TLI pending
1: TLI pending
Bit 5 = TLI:
Top Level Interrupt.
This bit is set and cleared by software.
0: A Top Level Interrupt is generared when TLIP is
set, only if TLNM=1 in the NICR register (inde-
pendently of the value of the IEN bit).
1: A Top Level Interrupt request is generated when
IEN=1 and the TLIP bit are set.
Bit 4 = IEN:
Interrupt Enable.
This bit is cleared by the interrupt machine cycle
(except for a TLI).
It is set by the iret instruction (except for a return
from TLI).
It is set by the EI instruction.
It is cleared by the DI instruction.
0: Maskable interrupts disabled
1: Maskable Interrupts enabled
Note: The IEN bit can also be changed by soft-
ware using any instruction that operates on regis-
ter CICR, however in this case, take care to avoid
spurious interrupts, since IEN cannot be cleared in
the middle of an interrupt arbitration. Only modify
the IEN bit when interrupts are disabled or when
no peripheral can generate interrupts. For exam-
ple, if the state of IEN is not known in advance,
and its value must be restored from a previous
push of CICR on the stack, use the sequence DI;
POP CICR
to make sure that no interrupts are be-
ing arbitrated when CICR is modified.
Bit 3 = IAM:
Interrupt Arbitration Mode.
This bit is set and cleared by software.
0: Concurrent Mode
1: Nested Mode
Bit 2:0 = CPL[2:0]:
Current Priority Level.
These bits define the Current Priority Level.
CPL=0 is the highest priority. CPL=7 is the lowest
priority. These bits may be modified directly by the
interrupt hardware when Nested Interrupt Mode is
used.
EXTERNAL INTERRUPT TRIGGER REGISTER
(EITR)
R242 - Read/Write
Register Page: 0
Reset value: 0000 0000 (00h)
Bit 7 = TED1:
INTD1 Trigger Event
Bit 6 = TED0:
INTD0 Trigger Event
Bit 5 = TEC1:
INTC1 Trigger Event
Bit 4 = TEC0:
INTC0 Trigger Event
Bit 3 = TEB1:
INTB1 Trigger Event
Bit 2 = TEB0:
INTB0 Trigger Event
Bit 1 = TEA1:
INTA1 Trigger Event
Bit 0 = TEA0:
INTA0 Trigger Event
These bits are set and cleared by software.
0: Select falling edge as interrupt trigger event
1: Select rising edge as interrupt trigger event
70
GCEN TLIP
TLI
IEN
IAM
CPL2 CPL1 CPL0
70
TED1 TED0 TEC1 TEC0 TEB1 TEB0 TEA1 TEA0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com