Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120V9Q Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST92F120V9Q
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST92F120V9Q Datasheet HTML 53Page - STMicroelectronics ST92F120V9Q Datasheet HTML 54Page - STMicroelectronics ST92F120V9Q Datasheet HTML 55Page - STMicroelectronics ST92F120V9Q Datasheet HTML 56Page - STMicroelectronics ST92F120V9Q Datasheet HTML 57Page - STMicroelectronics ST92F120V9Q Datasheet HTML 58Page - STMicroelectronics ST92F120V9Q Datasheet HTML 59Page - STMicroelectronics ST92F120V9Q Datasheet HTML 60Page - STMicroelectronics ST92F120V9Q Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 320 page
background image
57/320
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
3.6.2 Temporary Unprotection
On user request the memory can be configured so
as to allow the temporary unprotection also of all
access protections bits of NVAPR (write protection
bits of NVWPR are always temporarily unprotecta-
ble).
Bit APEX can be temporarily disabled by execut-
ing the Set Protection operation and writing 1 into
this bit, but only if this write instruction is executed
from an internal memory (Flash and Test Flash ex-
cluded).
Bit APEE can be temporarily disabled by execut-
ing the Set Protection operation and writing 1 into
this bit, but only if this write instruction is executed
from the memory itself to unprotect (EEPROM).
Bits APRO and APBR can be temporarily disabled
through a direct write at NVAPR location, by over-
writing at 1 these bits, but only if this write instruc-
tion is executed from the memory itself to unpro-
tect.
To restore the access protection bits it needs to re-
set the micro or to execute a Set Protection opera-
tion and write 0 into the desired bits.
When an internal memory (Flash, TestFlash or
EEPROM) is protected in access, also the data ac-
cess through a DMA of a peripheral is forbidden (it
returns FFh). To read data in DMA mode from a
protected memory, first it is necessary to tempo-
rarily unprotect that memory.
The temporary unprotection allows also to update
a protected code.
3.7 FLASH IN-SYSTEM PROGRAMMING
The Flash memory can be programmed in-system
through a serial interface (SCI0).
Exiting from reset, the ST9 executes the initializa-
tion from the BootROM code (written in Test-
Flash), where it checks the value of the SOUT0
pin. If it is at 0, this means that the user wishes to
update the Flash code, otherwise normal execu-
tion continues. In this second case, the BootROM
code reads the first two locations of the Flash
memory (000000h-000001h) that represent the
pointer to the start of the user code.
If the Flash is virgin (read content is always FFh),
its first two locations contain FFFFh. This will rep-
resent the last location of segment 0h, and it is in-
terpreted by the BootROM code as a flag indicat-
ing that the Flash memory is virgin and needs to
be programmed. If the value 1 is detected on the
SOUT0 pin and the Flash is virgin, a HALT instruc-
tion is executed, waiting for a hardware Reset.
3.7.1 First Programming of a virgin Flash
After checking that the SOUT0 pin is at 0, the Boot
-ROM code enables the serial interface (typically
an SCI) and writes in its Address Compare Regis-
ter (ACR for SCI) a predefined address for recog-
nition. The BootROM initializes the serial interface,
including the interrupt vector table in the TestFlash
itself, the Interrupt Vector Register for the serial in-
terface (IVR for SCI), the mask bit to enable the
address match interrupt (bit RXA of IMR for SCI).
When the serial interface has received an address
matching with the content of its Address Compare
Register, an interrupt is generated and a prede-
fined routine is executed located in TestFlash
(Code Update Routine), that loads at a predefined
address in the internal RAM a predefined number
of bytes (the first datum sent) from the serial inter-
face.
These bytes must represent a routine (the in-sys-
tem programming routine) which is called at the
end of the transfer.
This routine can, for example, load in the internal
RAM (through the serial interface in DMA mode) a
first table of data (256 bytes for example; depend-
ing on the available internal RAM size) to be pro-
grammed in Flash. Then the routine starts to pro-
gram the Flash memory using the first table, while,
in parallel, a second table of data are loaded in an-
other location of the internal RAM, through the se-
rial interface. When the slower of these two paral-
lel operations is ended, a new cycle can start, till
the whole Flash memory is programmed.
At the end of Flash programming the execution re-
turns to the Code Update Routine in TestFlash
that puts the ST9 in HALT mode, waiting for a
hardware reset.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com