Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120V9Q Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST92F120V9Q
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST92F120V9Q Datasheet HTML 88Page - STMicroelectronics ST92F120V9Q Datasheet HTML 89Page - STMicroelectronics ST92F120V9Q Datasheet HTML 90Page - STMicroelectronics ST92F120V9Q Datasheet HTML 91Page - STMicroelectronics ST92F120V9Q Datasheet HTML 92Page - STMicroelectronics ST92F120V9Q Datasheet HTML 93Page - STMicroelectronics ST92F120V9Q Datasheet HTML 94Page - STMicroelectronics ST92F120V9Q Datasheet HTML 95Page - STMicroelectronics ST92F120V9Q Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 320 page
background image
92/320
ST92F120 - INTERRUPTS
WAKE-UP / INTERRUPT LINES MANAGEMENT UNIT (Cont’d)
WAKE-UP MASK REGISTER HIGH (WUMRH)
R250 - Read/Write
Register Page: 57
Reset Value: 0000 0000 (00h)
Bit 7:0 = WUM[15:8]:
Wake-Up Mask bits.
If WUMx is set, an interrupt on channel INTD1
and/or a wake-up event (depending on ID1S and
WKUP-INT bits) are generated if the correspond-
ing WUPx pending bit is set. More precisely, if
WUMx=1 and WUPx=1 then:
– If ID1S=1 and WKUP-INT=1 then an interrupt on
channel INTD1 and a wake-up event are gener-
ated.
– If ID1S=1 and WKUP-INT=0 only an interrupt on
channel INTD1 is generated.
– If ID1S=0 and WKUP-INT=1 only a wake-up
event is generated.
– If ID1S=0 and WKUP-INT=0 neither interrupts
on channel INTD1 nor wake-up events are gen-
erated. Interrupt requests on channel INTD1 may
be generated only from external interrupt source
INT7.
If WUMx is reset, no wake-up events can be gen-
erated. Interrupt requests on channel INTD1 may
be generated only from external interrupt source
INT7 (resetting ID1S bit to 0).
WAKE-UP MASK REGISTER LOW (WUMRL)
R251 - Read/Write
Register Page: 57
Reset Value: 0000 0000 (00h)
Bit 7:0 = WUM[7:0]:
Wake-Up Mask bits.
If WUMx is set, an interrupt on channel INTD1
and/or a wake-up event (depending on ID1S and
WKUP-INT bits) are generated if the correspond-
ing WUPx pending bit is set. More precisely, if
WUMx=1 and WUPx=1 then:
– If ID1S=1 and WKUP-INT=1 then an interrupt on
channel INTD1 and a wake-up event are gener-
ated.
– If ID1S=1 and WKUP-INT=0 only an interrupt on
channel INTD1 is generated.
– If ID1S=0 and WKUP-INT=1 only a wake-up
event is generated.
– If ID1S=0 and WKUP-INT=0 neither interrupts
on channel INTD1 nor wake-up events are gen-
erated. Interrupt requests on channel INTD1 may
be generated only from external interrupt source
INT7.
If WUMx is reset, no wake-up events can be gen-
erated. Interrupt requests on channel INTD1 may
be generated only from external interrupt source
INT7 (resetting ID1S bit to 0).
70
WUM15 WUM14 WUM13 WUM12 WUM11 WUM10
WUM9
WUM8
70
WUM7
WUM6
WUM5
WUM4
WUM3
WUM2
WUM1
WUM0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com