Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120V9Q Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST92F120V9Q
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST92F120V9Q Datasheet HTML 40Page - STMicroelectronics ST92F120V9Q Datasheet HTML 41Page - STMicroelectronics ST92F120V9Q Datasheet HTML 42Page - STMicroelectronics ST92F120V9Q Datasheet HTML 43Page - STMicroelectronics ST92F120V9Q Datasheet HTML 44Page - STMicroelectronics ST92F120V9Q Datasheet HTML 45Page - STMicroelectronics ST92F120V9Q Datasheet HTML 46Page - STMicroelectronics ST92F120V9Q Datasheet HTML 47Page - STMicroelectronics ST92F120V9Q Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 320 page
background image
44/320
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
3 SINGLE VOLTAGE FLASH & EEPROM
3.1 INTRODUCTION
The Flash circuitry contains one array divided in
two main parts that can each be read independ-
ently. The first part contains the main Flash array
for code storage, a reserved array (TestFlash) for
system routines and a 128-byte area available as
one time programmable memory (OTP). The sec-
ond part contains the two dedicated Flash sectors
used for EEPROM Hardware Emulation.
The write operations of the two parts are managed
by an embedded Program/Erase Controller, that
uses a dedicated ROM (256 words of 12 bits
each). Through a dedicated RAM buffer the Flash
and the EEPROM can be written in blocks of 16
bytes.
Figure 23. Flash Memory structure (Example for 128K Flash device)
230000h
000000h
010000h
01C000h
01E000h
228000h
22C000h
Sector F0
64 Kbytes
Sector F1
48 Kbytes
Sector F2
8 Kbytes
Sector F3
8 Kbytes
Sector F4/E0
4 Kbytes
Sector F5/E1
4 Kbytes
TestFlash
8 Kbytes
Program / Erase
Controller
RAM buffer
16 bytes
Register
Interface
Address
Data
231F80h
User OTP and Protection registers
8 sense +
8 program load
8 sense +
8 program load
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com