Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS80C320-ENG Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 24Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 25Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 26Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 27Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 28Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 29Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 30Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 31Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 32Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 175 page
background image
High-Speed Microcontroller User’s Guide
28 of 175
External Interrupt Flag (EXIF)
7
6
5
4
3
2
1
0
SFR 91h
IE5
IE4
IE3
IE2
XT/ RG
RGMD
RGSL
BGS
RW-0
RW-0
RW-0
RW-0
RW-*
R-*
RW-*
RT-0
R=Unrestricted Read, W=Unrestricted Write, T=Timed Access Write Only-n=Value after Reset,
*=See description
IE5
Bit 7
External Interrupt 5 Flag. This bit will be set when a falling edge is detected
on INT5 . This bit must be cleared manually by software. Setting this bit in
software will cause an interrupt if enabled.
IE4
Bit 6
External Interrupt 4 Flag. This bit will be set when a rising edge is detected on
INT4. This bit must be cleared manually by software. Setting this bit in software
will cause an interrupt if enabled.
IE3
Bit 5
External Interrupt 3 Flag. This bit will be set when a falling edge is detected
on INT3 . This bit must be cleared manually by software. Setting this bit in
software will cause an interrupt if enabled.
IE2
Bit 4
External Interrupt 2 Flag. This bit will be set when a rising edge is detected on
INT2. This bit must be cleared manually by software. Setting this bit in software
will cause an interrupt if enabled.
XT/ RG
Bit 3
Crystal/Ring Source Select.
This bit selects the crystal oscillator or ring
oscillator as the desired clock source. This bit will be the inverse of RGMD
except during the crystal warm-up period when executing a ring oscillator
resume from Stop. XTUP (STATUS.4) must be set to 1 and XTOFF (PMR.3)
must be cleared to 0 before this bit can be set. Attempts to modify this bit when
these conditions are not met will be ignored. This bit must be cleared before
XTOFF can be set to 1. This bit is set to 1 after a power-on reset, and unchanged
by all other forms of reset. This bit is not used on the DS80C310 or DS80C320
and will be 1 when read.
0 = The ring oscillator is selected as the clock source. This setting is unaffected
by XTUP (STATUS.4) and XTOFF (PMR.3).
1 = The crystal oscillator is selected as the clock source. This setting is invalid
unless XTUP=1 and XTOFF=0.
RGMD
Bit 2
Ring Mode Status.
This bit indicates the current clock source for the
device. This bit is cleared to 0 after a power-on reset, and unchanged by all
other forms of reset. The state of this bit will be undefined on devices which
do not incorporate a ring oscillator.
0 = Device is operating from the external crystal or oscillator.
1 = Device is operating from the ring oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com