Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS80C320-ENG Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 37Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 38Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 39Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 40Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 41Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 42Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 43Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 44Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 45Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 175 page
background image
High-Speed Microcontroller User’s Guide
41 of 175
ROM Size Select (ROMSIZE)
7
6
5
4
3
2
1
0
SFR C2h
-
-
-
-
-
RS2
RS1
RS0
RT-1
RT-0
RT-1
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset
Bits 7-3
These bits are reserved. Read data is indeterminate.
ROMSIZE.2-0
Bits 2-0
ROM Size Select 2-0. This register is used to select the maximum on-chip
decoded address for ROM. Care must be taken that the memory location of the
current program counter will be valid both before and after modification. These
bits can only be modified using a timed access procedure. The EA
pin will
override the function of these bits when asserted, forcing the device to access
external program memory only.
Configuring this register to a setting that
exceeds the maximum amount of internal memory may corrupt device operation.
These bits will default on reset to the maximum amount of internal program
memory (i.e., 16K for DS87C520).
RS2
RS1
RS0
MAXIMUM ON-CHIP ROM ADDRESS
0
0
0
0KB/Disable on-chip ROM
0
0
1
1KB/03FFh
0
1
0
2KB/07FFh
0
1
1
4KB/0FFFh
1
0
0
8KB/1FFFh
1
0
1
16KB/3FFFh
1
1
0
132KB/7FFFh
1
1
1
64KB/FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com