Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS80C320-ENG Datasheet(PDF) 30 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 30 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 26Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 27Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 28Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 29Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 30Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 31Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 32Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 33Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 34Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 175 page
background image
High-Speed Microcontroller User’s Guide
30 of 175
RTC Trim Register (TRIM)
7
6
5
4
3
2
1
0
SFR 91h
E4K
X12/
6
TRM2
TRM2
TRM1
TRM1
TRM0
TRM0
RT-*
RT-*
RT-*
RT-*
RT-*
RT-*
RT-*
RT-*
R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset, *=See description
E4K
Bit 7
External 4096 Hz RTC Signal Enable. This bit enables the output of a
4096 Hz signal on pin P1.7 derived from the RTC. Setting this bit overrides
any other function of the pin. It is used for adjusting the frequency of the
32.768 RTC crystal oscillator using the trim bits. This bit is cleared to 0
after any reset, including a no-battery reset.
0 = Calibration function disabled. P1.7 pin will function per the normal pin
description.
1 = 4096 Hz signal output on P1.7
X12/ 6
Bit 6
RTC Crystal Capacitance Select.
This bit selects the internal loading
capacitance of the RTC crystal amplifier. This bit is set to 1 after a no-battery
reset, and unchanged by all other forms of reset.
0 = RTC loading is set for 6 pF crystal.
1 = RTC loading is set for 12.5 pF crystal.
TRM2
Bit 5
RTC Trim Bit 2. This bit controls the relative adjustment of the RTC internal
capacitance. It is used to calibrate the RTC oscillator frequency. This bit is set to
1 after a no-battery reset, and unchanged by all other forms of reset.
TRM2
Bit 4
RTC Trim Bit 2. This bit controls the relative adjustment of the RTC internal
capacitance. It is used to calibrate the RTC oscillator frequency. This bit is set to
1 after a no-battery reset, and unchanged by all other forms of reset.
TRM1
Bit 3
RTC Trim Bit 1. This bit controls the relative adjustment of the RTC internal
capacitance. It is used to calibrate the RTC oscillator frequency. This bit is set to
0 after a no-battery reset, and unchanged by all other forms of reset.
TRM1
Bit 2
RTC Inverted Trim Bit 1. This bit must always be set to the complement of
the TRM1 bit. Incorrectly writing this bit will default bits TRIM.7, TRIM.5-0 to
their no-battery reset value. This bit is cleared to 1 after a no-battery reset, and
unchanged by all other forms of reset.
TRM0
Bit 1
RTC Trim Bit 0. This bit controls the relative adjustment of the RTC internal
capacitance. It is used to calibrate the RTC oscillator frequency. This bit is set to
0 after a no-battery reset, and unchanged by all other forms of reset.
TRM0
Bit 0
RTC Inverted Trim Bit 0. This bit must always be set to the complement of
the TRM0 bit. Incorrectly writing this bit will default bits TRIM.7, TRIM.5-0 to
their no-battery reset value. This bit is cleared to 1 after a no-battery reset, and
unchanged by all other forms of reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com