| Electronic Components Datasheet Search |
|
DS80C320-ENG Datasheet(PDF) 40 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS80C320-ENG Datasheet(HTML) 40 Page - Dallas Semiconductor |
|
40 / 175 page ![]() High-Speed Microcontroller User’s Guide 40 of 175 REN_1 Bit 4 Receive Enable. This bit enables/disables the serial port 1 receiver shift register. 0 = Serial port 1 reception disabled. 1 = Serial port 1 receiver enabled (modes 1, 2, 3). Initiate synchronous reception (mode 0). TB8_1 Bit 3 9 th Transmission Bit State. This bit defines the state of the 9th transmission bit in serial port 1 modes 2 and 3. RB8_1 Bit 2 9 th Received Bit State. This bit identifies the state for the 9th reception bit received data in serial pot 1 modes 2 and 3. In serial port mode 1, when SM2_1=0, RB8_1 is the state of the stop bit. RB8_1 is not used in mode 0. TI_1 Bit 1 Transmitter Interrupt Flag. This bit indicates that data in the serial port 1 buffer has been completely shifted out. In serial port mode 0, TI_1 is set at the end of the 8 th data bit. In all other modes, this bit is set at the end of the last data bit. This bit must be manually cleared by software. RI_1 Bit 0 Transmitter Interrupt Flag. This bit indicates that a byte of data has been received in the serial port 1 buffer. In serial port mode 1, RI_1 is set at the end of the 8 th bit. In serial port mode 1, RI_1 is set after the last sample of the incoming stop bit subject to the state of SM2_1. In modes 2 and 3, RI_1 is set after the last sample of RB8_1. This bit must be manually cleared by software. Serial Data Buffer 1 (SBUF1) 7 6 5 4 3 2 1 0 SFR C1h SBUF1.7 SBUF1.6 SBUF1.5 SBUF1.4 SBUF1.3 SBUF1.2 SBUF1.1 SBUF1.0 RW-0 RW-0 RW-0 RW-0 RW-0 RW-0 RW-0 RW-0 R=Unrestricted Read, W=Unrestricted Write, -n=Value after Reset SBUF1.7-0 Bits 7-0 Serial Data Buffer 1. Data for serial port 1 is read from or written to this location. The serial transmit and receive buffers are separate registers, but both are addressed at this location. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |