Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30B85 Datasheet(PDF) 46 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 46 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 42Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 43Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 44Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 45Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 46Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 47Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 48Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 49Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
P30
Datasheet
November 2007
46
Order Number: 306666-11
9.3
Command Definitions
Valid device command codes and descriptions are shown in Table 24.
Table 24: Command Codes and Definitions (Sheet 1 of 2)
Mode
Code
Device Mode
Description
Read
0xFF
Read Array
Places the device in Read Array mode. Array data is output on DQ[15:0].
0x70
Read Status
Register
Places the device in Read Status Register mode. The device enters this mode
after a program or erase command is issued. Status Register data is output
on DQ[7:0].
0x90
Read Device ID
or Configuration
Register
Places device in Read Device Identifier mode. Subsequent reads output
manufacturer/device codes, Configuration Register data, Block Lock status,
or Protection Register data on DQ[15:0].
0x98
Read Query
Places the device in Read Query mode. Subsequent reads output Common
Flash Interface information on DQ[7:0].
0x50
Clear Status
Register
The WSM can only set Status Register error bits. The Clear Status Register
command is used to clear the SR error bits.
Write
0x40
Word Program
Setup
First cycle of a 2-cycle programming command; prepares the CUI for a write
operation. On the next write cycle, the address and data are latched and the
WSM executes the programming algorithm at the addressed location. During
program operations, the device responds only to Read Status Register and
Program Suspend commands. CE# or OE# must be toggled to update the
Status Register in asynchronous read. CE# or ADV# must be toggled to
update the Status Register Data for synchronous Non-array reads. The Read
Array command must be issued to read array data after programming has
finished.
Write
0x10
Alternate Word
Program Setup
Equivalent to the Word Program Setup command, 0x40.
0xE8
Buffered Program
This command loads a variable number of words up to the buffer size of 32
words onto the program buffer.
0xD0
Buffered Program
Confirm
The confirm command is Issued after the data streaming for writing into the
buffer is done. This instructs the WSM to perform the Buffered Program
algorithm, writing the data from the buffer to the flash memory array.
0x80
BEFP Setup
First cycle of a 2-cycle command; initiates Buffered Enhanced Factory
Program mode (BEFP). The CUI then waits for the BEFP Confirm command,
0xD0, that initiates the BEFP algorithm. All other commands are ignored
when BEFP mode begins.
0xD0
BEFP Confirm
If the previous command was BEFP Setup (0x80), the CUI latches the
address and data, and prepares the device for BEFP mode.
Erase
0x20
Block Erase Setup
First cycle of a 2-cycle command; prepares the CUI for a block-erase
operation. The WSM performs the erase algorithm on the block addressed by
the Erase Confirm command. If the next command is not the Erase Confirm
(0xD0) command, the CUI sets Status Register bits SR[4] and SR[5], and
places the device in read status register mode.
0xD0
Block Erase Confirm
If the first command was Block Erase Setup (0x20), the CUI latches the
address and data, and the WSM erases the addressed block. During block-
erase operations, the device responds only to Read Status Register and Erase
Suspend commands. CE# or OE# must be toggled to update the Status
Register in asynchronous read. CE# or ADV# must be toggled to update the
Status Register Data for synchronous Non-array reads
Suspend
0xB0
Program or Erase
Suspend
This command issued to any device address initiates a suspend of the
currently-executing program or block erase operation. The Status Register
indicates successful suspend operation by setting either SR[2] (program
suspended) or SR[6] (erase suspended), along with SR[7] (ready). The Write
State Machine remains in the suspend mode regardless of control signal
states (except for RST# asserted).
0xD0
Suspend Resume
This command issued to any device address resumes the suspended program
or block-erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com