Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30B85 Datasheet(PDF) 91 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 91 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 87Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 88Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 89Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 90Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 91Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 92Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 93Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 94Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 95Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
91
P30
C.5
Numonyx-Specific Extended Query Table
Table 41: Primary Vendor-Specific Extended Query
Discrete
–B
–T
–-
–-
die 1 (B)
die 2 (T)
die 1 (T)
die 2 (B)
112:
--00
--00
--40
--00
--40
--00
512-Mbit
Address
–B
–T
Offset
(1)
Length
Description
Hex
P = 10Ah
(Optional flash features and commands)
Add.
Code
Value
(P+0)h
3
Primary extended query table
10A
--50
"P"
(P+1)h
Unique ASCII string “PRI“
10B:
--52
"R"
(P+2)h
10C:
--49
"I"
(P+3)h
1
Major version number, ASCII
10D:
--31
"1"
(P+4)h
1
Minor version number, ASCII
10E:
--34
"4"
(P+5)h
4
Optional feature and command support (1=yes, 0=no)
10F:
--E6
(P+6)h
bits 11–29 are reserved; undefined bits are “0.” If bit 31 is
110:
--01
(P+7)h
“1” then another 31 bit field of Optional features follows at
111:
--00
(P+8)h
the end of the bit–30 field.
112:
bit 0 Chip erase supported
bit 0 = 0
No
bit 1 Suspend erase supported
bit 1 = 1
Yes
bit 2 Suspend program supported
bit 2 = 1
Yes
bit 3 Legacy lock/unlock supported
bit 3 = 0
No
bit 4 Queued erase supported
bit 4 = 0
No
bit 5 Instant individual block locking supported
bit 5 = 1
Yes
bit 6 Protection bits supported
bit 6 = 1
Yes
bit 7 Pagemode read supported
bit 7 = 1
Yes
bit 8 Synchronous read supported
bit 8 = 1
Yes
bit 9 Simultaneous operations supported
bit 9 = 0
No
bit 10 Extended Flash Array Blocks supported
bit 10 = 0
No
bit 30 CFI Link(s) to follow
bit 30
bit 31 Another "Optional Features" field to follow
bit 31
(P+9)h
1
113:
--01
bit 0 Program supported after erase suspend
bit 0 = 1
Yes
(P+A)h
2
Block status register mask
114:
--03
(P+B)h
bits 2–15 are Reserved; undefined bits are “0”
115:
--00
bit 0 Block Lock-Bit Status register active
bit 0 = 1
Yes
bit 1 Block Lock-Down Bit Status active
bit 1 = 1
Yes
bit 4 EFA Block Lock-Bit Status register active
bit 4 = 0
No
bit 5 EFA Block Lock-Down Bit Status active
bit 5 = 0
No
(P+C)h
1
116:
--18
1.8V
(P+D)h
1
117:
--90
9.0V
See table below
See
table
below
VCC logic supply highest performance program/erase voltage
bits 0–3 BCD value in 100 mV
bits 4–7 BCD value in volts
Supported functions after suspend: read Array, Status, Query
Other supported operations are:
bits 1–7 reserved; undefined bits are “0”
VPP optimum program/erase supply voltage
bits 0–3 BCD value in 100 mV
bits 4–7 HEX value in volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com