Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30B85 Datasheet(PDF) 84 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 84 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 80Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 81Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 82Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 83Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 84Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 85Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 86Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 87Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 88Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
P30
Datasheet
November 2007
84
Order Number: 306666-11
Figure 43: Erase Suspend/Resume Flowchart
Erase
Completed
Read Array
Data
0
0
No
Read
1
Program
Program
Loop
Read Array
Data
1
Yes
Start
Read Status
Register
SR.7 =
SR.6 =
Erase
Resumed
Read or
Program ?
Done?
Write
Write
Standby
Standby
Write
Erase
Suspend
Read Array
or Program
Program
Resume
Data = B0h
Addr = Same partition address as
above
Data = FFh or 40h
Addr = Block to program or read
Check SR.7
1 = WSM ready
0 = WSM busy
Check SR.6
1 = Erase suspended
0 = Erase completed
Data = D0h
Addr = Any address
Bus
Operation
Command
Comments
Read
Status register data. Toggle CE# or
OE# to update Status register
Addr =X
Read or
Write
Read array or program data from/to
block other than the one being erased
ERASE SUSPEND / RESUME PROCEDURE
ERAS_SUS.WMF
Write B0h
Any Address
Erase Suspend
Write 70h
Any Address
Read
Status
Write D0h
Any Address
Erase Resume
Write 70h
Any Address
Read
Status
Write FFh
Any Addres
Read
Array
Write
Read
Status
Data = 70 h
Addr = Any device address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com