Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30B85 Datasheet(PDF) 92 Page - Numonyx B.V

Part # JS28F640P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30B85 Datasheet(HTML) 92 Page - Numonyx B.V

Back Button JS28F640P30B85 Datasheet HTML 88Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 89Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 90Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 91Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 92Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 93Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 94Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 95Page - Numonyx B.V JS28F640P30B85 Datasheet HTML 96Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 99 page
background image
P30
Datasheet
November 2007
92
Order Number: 306666-11
Table 42: Protection Register Information
Table 43: Burst Read Information
Offset
(1)
Length
Description
Hex
P = 10Ah
(Optional flash features and commands)
Add. Code Value
(P+E)h
1
118:
--02
2
(P+F)h
4
Protection Field 1: Protection Description
119:
--80
80h
(P+10)h
This field describes user-available One Time Programmable
11A:
--00
00h
(P+11)h
(OTP) Protection register bytes. Some are pre-programmed
11B:
--03
8 byte
(P+12)h
11C:
--03
8 byte
(P+13)h
10
Protection Field 2: Protection Description
11D:
--89
89h
(P+14)h
11E:
--00
00h
(P+15)h
11F:
--00
00h
(P+16)h
120:
--00
00h
(P+17)h
121:
--00
0
(P+18)h
bits 40–47 = “n”
∴ n = factory pgm'd groups (high byte)
122:
--00
0
(P+19)h
123:
--00
0
(P+1A)h
124:
--10
16
(P+1B)h
125:
--00
0
(P+1C)h
126:
--04
16
bits 48–55 = “n” \ 2n = factory programmable bytes/group
bits 56–63 = “n”
∴ n = user pgm'd groups (low byte)
bits 64–71 = “n”
∴ n = user pgm'd groups (high byte)
bits 72–79 = “n”
∴ 2n = user programmable bytes/group
with device-unique serial numbers. Others are user
programmable. Bits 0–15 point to the Protection register Lock
byte, the section’s first byte. The following bytes are factory
pre-programmed and user-programmable.
bits 0–7 = Lock/bytes Jedec-plane physical low address
bits 8–15 = Lock/bytes Jedec-plane physical high address
bits 16–23 = “n” such that 2n = factory pre-programmed bytes
bits 24–31 = “n” such that 2n = user programmable bytes
Bits 0–31 point to the Protection register physical Lock-word
address in the Jedec-plane.
Following bytes are factory or user-programmable.
bits 32–39 = “n”
∴ n = factory pgm'd groups (low byte)
Number of Protection register fields in JEDEC ID space.
“00h,” indicates that 256 protection fields are available
Offset
(1)
Length
Description
Hex
P = 10Ah
(Optional flash features and commands)
Add. Code Value
(P+1D)h
1
127:
--03
8 byte
(P+1E)h
1
128:
--04
4
(P+1F)h
1
129:
--01
4
(P+20)h
1
Synchronous mode read capability configuration 2
12A:
--02
8
(P+21)h
1
Synchronous mode read capability configuration 3
12B:
--03
16
(P+22)h
1
Synchronous mode read capability configuration 4
12C:
--07
Cont
Page Mode Read capability
bits 0–7 = “n” such that 2n HEX value represents the number of
read-page bytes. See offset 28h for device word width to
determine page-mode data output width. 00h indicates no
read page buffer.
Number of synchronous mode read configuration fields that
follow. 00h indicates no burst capability.
Synchronous mode read capability configuration 1
Bits 3–7 = Reserved
bits 0–2 “n” such that 2n+1 HEX value represents the
maximum number of continuous synchronous reads when
the device is configured for its maximum word width. A value
of 07h indicates that the device is capable of continuous
linear bursts that will output data until the internal burst
counter reaches the end of the device’s burstable address
space. This field’s 3-bit value can be written directly to the
Read Configuration Register bits 0–2 if the device is
configured for its maximum word width. See offset 28h for
word width to determine the burst data output width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com