Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400PCZ00 Datasheet(PDF) 42 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 42 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 38Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 39Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 40Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 41Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 42Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 43Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 44Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 45Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 46Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
42
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
7.2
Erase and Program Times
Note:
Specifications are for 130 nm and 90 nm devices unless otherwise stated.
Figure 18: Synchronous Write To Read Operation
Latency Count
D
Q
Q
W1
R304
R305
R304
R3
W7
W4
R307
R12
R4
W18
W19
W3
W3
R11
R303
R11
W6
W2
W20
R104
R106
R104
R306
W8
W5
R302
R301
R2
CLK
Address [A]
ADV#
CE# [E}
WE# [W]
OE# [G]
WAIT [T ]
Data [D/Q]
RST# [P]
Table 17: Erase and Program Times (Sheet 1 of 2)
Operation
Symbol
Parameter
Description (1)
Notes
VPP1
VPP2
Unit
TypMax
TypMax
Erasing and Suspending
Erase Time
W500
tERS/PB
4-Kword Parameter Block
2,3
0.3
2.5
0.25
2.5
s
W501
tERS/MB
32-Kword Main Block
2,3
0.7
4
0.4
4
s
Suspend
Latency
W600
tSUSP/P
Program Suspend
2
5105
10
µs
W601
tSUSP/E
Erase Suspend
2
5
20
5
20
µs
Programming
Program
Time
W200
tPROG/W
Single Word
2
12
150
8
130
µs
W201
tPROG/PB
4-Kword Parameter Block
2,3
0.05
.23
0.03
0.07
s
W202
tPROG/MB
32-Kword Main Block
2,3
0.4
1.8
0.24
0.6
s
Enhanced Factory Programming (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com