Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400PCZ00 Datasheet(PDF) 43 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 43 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 39Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 40Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 41Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 42Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 43Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 44Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 45Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 46Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 47Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
43
Numonyx™ Wireless Flash Memory (W18)
7.3
Reset Specifications
Note:
Specifications are for 130 nm and 90 nm devices unless otherwise stated.
Program
W400
tEFP/W
Single Word
4
N/A
N/A
3.1
16
µs
W401
tEFP/PB
4-Kword Parameter Block
2,3
N/A
-
15
-
ms
W402
tEFP/MB
32-Kword Main Block
2,3
N/A
-
120
-
ms
Operation
Latency
W403
tEFP/SETUP
EFP Setup
-
N/A
-
5
µs
W404
tEFP/TRAN
Program to Verify Transition
N/A
N/A
2.7
5.6
µs
W405
tEFP/VERIFY
Verify
N/A
N/A
1.7
130
µs
Notes:
1.
Unless noted otherwise, all parameters are measured at TA = +25 °C and nominal voltages, and they are sampled, not
100% tested.
2.
Excludes external system-level overhead.
3.
Exact results may vary based on system overhead.
4.
W400-Typ is the calculated delay for a single programming pulse. W400-Max includes the delay when programming
within a new word-line.
5.
Some EFP performance degradation may occur if block cycling exceeds 10.
Table 17: Erase and Program Times (Sheet 2 of 2)
Operation
Symbol
Parameter
Description (1)
Notes
VPP1
VPP2
Unit
Typ
Max
Typ
Max
Table 18: Reset Specifications
#
Symbol
Parameter (1)
Notes
Min
Max
Unit
P1
tPLPH
RST# Low to Reset during Read
1, 2, 3, 4
100
-
ns
P2
tPLRH
RST# Low to Reset during Block Erase
1, 3, 4, 5
-
20
µs
RST# Low to Reset during Program
1, 3, 4, 5
-
10
µs
P3
tVCCPH
VCC Power Valid to Reset
1,3,4,5,6
60
-
µs
Notes:
1.
These specifications are valid for all product versions (packages and speeds).
2.
The device may reset if tPLPH< tPLPHMin, but this is not guaranteed.
3.
Not applicable if RST# is tied to VCC.
4.
Sampled, but not 100% tested.
5.
If RST# is tied to VCC, the device is not ready until tVCCPH occurs after when VCC ≥ VCCMin.
6.
If RST# is tied to any supply/signal with VCCQ voltage levels, the RST# input voltage must not exceed VCC until VCC ≥
VCCMin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com