Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400PCZ00 Datasheet(PDF) 58 Page - Numonyx B.V

Part # JS48F4400PCZ00
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400PCZ00 Datasheet(HTML) 58 Page - Numonyx B.V

Back Button JS48F4400PCZ00 Datasheet HTML 54Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 55Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 56Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 57Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 58Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 59Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 60Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 61Page - Numonyx B.V JS48F4400PCZ00 Datasheet HTML 62Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
58
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
10.7
Clear Status Register
The Clear Status Register command clears the Status Register and leaves all partition
output states unchanged. The WSM can set all Status Register bits and clear bits
SR[7:6,2,0]. Because bits SR[5,4,3,1] indicate various error conditions, they can only
be cleared by the Clear Status Register command. By allowing system software to reset
these bits, several operations (such as cumulatively programming several addresses or
erasing multiple blocks in sequence) can be performed before reading the Status
Register to determine error occurrence. If an error is detected, the Status Register
must be cleared before beginning another command or sequence. Device reset (RST#
= VIL) also clears the Status Register. This command functions independently of VPP.
Table 26: Status Register Descriptions
Bit
Name
State
Description
7
DWS
Device WSM Status
0 = Device WSM is Busy
1 = Device WSM is Ready
SR[7] indicates erase or program completion in the
device. SR[6:1] are invalid while SR[7] = 0. See
Table 27 for valid SR[7] and SR[0] combinations.
6
ESS
Erase Suspend Status
0 = Erase in progress/completed
1 = Erase suspended
After issuing an Erase Suspend command, the WSM
halts and sets SR[7] and SR[6]. SR[6] remains set
until the device receives an Erase Resume command.
5
ES
Erase Status
0 = Erase successful
1 = Erase error
SR[5] is set if an attempted erase failed. A Command
Sequence Error is indicated when SR[7,5:4] are set.
4
PS
Program Status
0 = Program successful
1 = Program error
SR[4] is set if the WSM failed to program a word.
3
VPPS
VPP Status
0 = VPP OK
1 = VPP low detect, operation aborted
The WSM indicates the VPP level after program or erase
completes. SR[3] does not provide continuous VPP
feedback and isn’t guaranteed when VPP ≠ VPP1/2.
2
PSS
Program Suspend
Status
0 = Program in progress/completed
1 = Program suspended
After receiving a Program Suspend command, the
WSM halts execution and sets SR[7] and SR[2]. They
remain set until a Resume command is received.
1
DPS
Device Protect Status
0 = Unlocked
1 = Aborted erase/program attempt on
locked block
If an erase or program operation is attempted to a
locked block (if WP# = VIL), the WSM sets SR[1] and
aborts the operation.
0
PWS
Partition Write Status
0 = This partition is busy, but only if
SR[7]=0
1 = Another partition is busy, but only
if SR[7]=0
Addressed partition is erasing or programming. In EFP
mode, SR[0] indicates that a data-stream word has
finished programming or verifying depending on the
particular EFP phase. See
Table 27 for valid SR[7]
and SR[0] combinations.
Table 27: Status Register Device WSM and Partition Write Status Description
DWS
(SR[7])
PWS
(SR[0])
Description
00
The addressed partition is performing a program/erase operation.
EFP: device has finished programming or verifying data, or is ready for data.
01
A partition other than the one currently addressed is performing a program/erase operation.
EFP: the device is either programming or verifying data.
10
No program/erase operation is in progress in any partition. Erase and Program suspend bits (SR[6,2])
indicate whether other partitions are suspended.
EFP: the device has exited EFP mode.
11
Won’t occur in standard program or erase modes.
EFP: this combination does not occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com