Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STDVE001A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 27Page - STMicroelectronics STDVE001A Datasheet HTML 28Page - STMicroelectronics STDVE001A Datasheet HTML 29Page - STMicroelectronics STDVE001A Datasheet HTML 30Page - STMicroelectronics STDVE001A Datasheet HTML 31Page - STMicroelectronics STDVE001A Datasheet HTML 32Page - STMicroelectronics STDVE001A Datasheet HTML 33Page - STMicroelectronics STDVE001A Datasheet HTML 34Page - STMicroelectronics STDVE001A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
STDVE001A
Maximum rating
31/49
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tHIGH
High duration on SCL pin
100 KHz
See Figure 20
Voltage on line = 5V
Cmax = 400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions
4.0
μs
400 KHz
See Figure 20
Voltage on line = 5 V
Cmax = 400 pF, Rmax=2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions
0.6
μs
tHIGH
High duration on SCL pin
100 KHz
Refer section 14.12,
Voltage on line = 3.3 V
Cmax = 400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions
4.0
μs
400 KHz
See Figure 20
Voltage on line = 3.3 V,
Cmax=400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions
0.6
μs
tPHL
Propagation delay
400 KHz
Waveform 1 (Figure 18)
Voltage on line = 5 V,
Cmax = 400 pF, Rmax = 2 K
250
μs
tPLH
Propagation delay
400 KHz
Waveform 1 (Figure 18)
Voltage on line = 5 V,
Cmax = 400 pF, Rmax = 2 K
300
μs
tPHL
Propagation delay
400 KHz
Waveform 1 (Figure 18)
Voltage on line = 3.3 V,
Cmax = 400 pF, Rmax = 2 K
250
ns
Table 27.
I2C repeater(1) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com