Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STDVE001A Datasheet(PDF) 34 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 30Page - STMicroelectronics STDVE001A Datasheet HTML 31Page - STMicroelectronics STDVE001A Datasheet HTML 32Page - STMicroelectronics STDVE001A Datasheet HTML 33Page - STMicroelectronics STDVE001A Datasheet HTML 34Page - STMicroelectronics STDVE001A Datasheet HTML 35Page - STMicroelectronics STDVE001A Datasheet HTML 36Page - STMicroelectronics STDVE001A Datasheet HTML 37Page - STMicroelectronics STDVE001A Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Maximum rating
STDVE001A
34/49
Figure 8.
Test circuit for electrical characteristics
1.
CL = load capacitance: include jig and probe capacitance.
2.
RT = termination resistance; should be equal to ZOUT of the pulse generator.
Figure 9.
TMDS output driver
1.
ZO = characteristic impedance of the cable.
2.
RT = termination resistance: should be equal to ZO of the cable. Both are equal to 50W.
Pulse
generator
STDVE001A
VIN+
VCC
RT
RT
VIN-
100
Ω
CL
CL
VOUT+
VOUT-
AM00726V1
ZO = RT
TMDS
driver
TMDS
receiver
RT
RT
VCC
ZO = RT
CS00069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com