Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1403CSNQ6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM1403CSNQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403CSNQ6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM1403CSNQ6F Datasheet HTML 3Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 4Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 5Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 6Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 7Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 8Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 9Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 10Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
STM1403
Description
7/35
Figure 1.
Logic diagram
1.
VREF only for STM1403A; VTPU for STM1403B/C.
2.
Normal mode: low when VOUT is internally switched to VCC and high when VOUT is internally switched to
battery.
3.
SAL, RST, PFO, and BLD are open drain.
Table 2.
Signal names
Note:
See Section 2: Pin descriptions on page 11 for details.
Vccsw(1)
1.
Normal mode: low when VOUT is internally switched to VCC and high when VOUT is internally switched to
battery.
VCC switch output
MR
Manual (push-button) reset input
PFI
Power-fail Input
TP1 - TP4
Independent physical tamper detect pins 1 through 4
VOUT
Supply voltage output
RST(2)
2.
SAL, RST, PFO, and BLD are open drain.
Active-low reset output
PFO(2)
Power-fail output
SAL(2)
Security alarm output
BLD(2)
Battery low voltage detect
VREF
(3)
3.
VREF only for STM1403A; VTPU for STM1403B/C.
1.237 V reference voltage
VTPU
(3)
Tamper pull-up (VCC or VBAT)
VBAT
Backup supply voltage
VCC
Supply voltage
VSS
Ground
AI09682
VCC
VBAT
STM1403
VSS
VOUT
VREF
or
VTPU
(1)
VCCSW
(2)
MR
SAL(3)
BLD(3)
PFI
TP1 (NH)
TP2
(NL)
TP3
(NH)
TP4
(NL)
PFO(3)
RST(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com