Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1403CSNQ6F Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM1403CSNQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403CSNQ6F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM1403CSNQ6F Datasheet HTML 16Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 17Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 18Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 19Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 20Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 21Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 22Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 23Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Typical operating characteristics
STM1403
20/35
Figure 16.
Normalized reset threshold vs. temperature
Figure 17.
PFI to PFO propagation delay vs. temperature
Figure 18.
RST output voltage vs. supply voltage
0.994
0.996
0.998
1.000
1.002
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE [
°C]
VBAT = 3.0V
AI09145
0
1
2
3
4
5
6
7
8
9
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE [
°C]
AI09148
500 ms/div
AI09149b
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC
VRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com