Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1403CSNQ6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM1403CSNQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403CSNQ6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM1403CSNQ6F Datasheet HTML 1Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 2Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 3Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 4Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 5Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 6Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 7Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 8Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
August 2008
Rev 5
1/35
1
STM1403
3 V FIPS-140
security supervisor with battery switchover
Features
■ STM1403 supports FIPS-140 security level 3+
–Four high-impedance physical tamper
inputs
– Over/under operating voltage detector
– Security alarm (SAL) on tamper detection
■ Supervisory functions
– Automatic battery switchover
–RST output (open drain)
– Manual (push-button) reset input (MR)
– Power-fail comparator (PFI/PFO)
■ Vccsw (VCC switch output)
– Low when switched to VCC
– High when switched to VBAT (BATT ON
indicator)
■ Battery low voltage detector (power-up)
■ Optional VREF (1.237 V)
– (Available for STM1403A only)
■ Low battery supply current (2.8 µA, typ)
■ Secure low profile 16-pin, 3 x 3 mm, QFN
package
QFN16, 3 mm x 3 mm (Q)
Table 1.
Device summary
Device
Standard
supervisory
functions(1)
Physical
tamper
inputs
Over/under
voltage
alarms
VREF
(1.237 V)
option
VOUT status,
during alarm
Vccsw status,
during alarm
STM1403A
✔✔
✔
✔
ON
Normal mode(2)
STM1403B(3)
✔✔
✔
Note(4)
High-Z
High
STM1403C
✔✔
✔
Note(4)
Ground
High
1.
Reset output, power-fail comparator, battery low detection (SAL, RST, PFO, and BLD are open drain).
2.
Normal mode: low when VOUT is internally switched to VCC and high when VOUT is internally switched to battery.
3.
Contact local ST sales office for availability.
4.
Pin 9 is the VREF pin for STM1403A. It is the VTPU pin for STM1403B/C.
www.st.com


Similar Part No. - STM1403CSNQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403CSN-Q6F STMICROELECTRONICS-STM1403CSN-Q6F Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
More results

Similar Description - STM1403CSNQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
3V FIPS-140 Security Supervisor with Battery Switchover
Oct-2005
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
FIPS-140 Level 4 Security Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com