Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1403CSNQ6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM1403CSNQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403CSNQ6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM1403CSNQ6F Datasheet HTML 14Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 15Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 16Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 17Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 18Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 19Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 20Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 21Page - STMicroelectronics STM1403CSNQ6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Typical operating characteristics
STM1403
18/35
5
Typical operating characteristics
Note:
Typical values are at TA = 25°C.
Figure 11.
VBAT -to-VOUT on-resistance vs. temperature
Figure 12.
Supply current vs. temperature (no load)
100
120
140
160
180
200
220
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE [
°C]
VBAT = 2V
VBAT = 3V
VBAT = 3.3V
VCC = 0V
AI09691
0
5
10
15
20
25
30
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE [
°C]
2.5V
3.3V
3.6V
AI09692



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com