Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVIULC6-2P6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # DVIULC6-2P6
Description  Ultra low capacitance ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-2P6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button DVIULC6-2P6 Datasheet HTML 4Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 5Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 6Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 7Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 8Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 9Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 10Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 11Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Technical information
DVIULC6-2x6
8/17
Figure 16.
IESD behavior: parasitic phenomena due to unsuitable layout
Figure 17.
ESD behavior - measurement conditions
Figure 18.
Remaining voltage after the
DVIULC6-2M6 during
positive ESD surge
Figure 19.
Remaining voltage after the
DVIULC6-2M6 during
negative ESD surge
V
BUS
Data line
V
CL
L
VBUS
L
I/O
L
GND
V
TRANSIL
ESD surge
on data line
V
F
dt
di
L
I/O
dt
di
L
I/O
dt
di
L
GND
dt
di
L
GND
Vcc pin
I/O pin
GND pin
V
BUS
Data line
V
CL
L
VBUS
L
I/O
L
GND
V
TRANSIL
ESD surge
on data line
V
F
dt
di
L
I/O
dt
di
L
I/O
dt
di
L
GND
dt
di
L
GND
Vcc pin
I/O pin
GND pin
0
surge
dt
di
L
dt
di
L
V
V
0
surge
dt
di
L
dt
di
L
V
V
V
GND
I/O
F
CL
GND
I/O
F
TRANSIL
CL
<
-
-
-
=
>
+
+
+
=
-
+
tr=1ns
t
V
CL-
NEGATIVE
SURGE
dt
di
L
dt
di
L
GND
I/O
-
-
dt
di
L
dt
di
L
GND
I/O
-
-
-V
F
tr=1ns
t
V
CL-
NEGATIVE
SURGE
dt
di
L
dt
di
L
GND
I/O
-
-
dt
di
L
dt
di
L
GND
I/O
-
-
-V
F
V
TRANSIL +VF
tr=1ns
t
V
CL+
dt
di
L
dt
di
L
GND
I/O
+
POSITIVE
SURGE
tr=1ns
t
V
CL+
dt
di
L
dt
di
L
GND
I/O
+
dt
di
L
dt
di
L
GND
I/O
+
POSITIVE
SURGE
V
TRANSIL +VF
tr=1ns
t
V
CL+
dt
di
L
dt
di
L
GND
I/O
+
dt
di
L
dt
di
L
GND
I/O
+
POSITIVE
SURGE
tr=1ns
t
V
CL+
dt
di
L
dt
di
L
GND
I/O
+
dt
di
L
dt
di
L
GND
I/O
+
POSITIVE
SURGE
Rd.Ip
V
V
BR
TRANSIL
+
=
TEST BOARD
IN
OUT
TEST BOARD
IN
OUT
ESD SURGE
10V/Div
100ns/Div
10V/Div
100ns/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com