Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVIULC6-2P6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # DVIULC6-2P6
Description  Ultra low capacitance ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-2P6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button DVIULC6-2P6 Datasheet HTML 7Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 8Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 9Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 10Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 11Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 12Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 13Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 14Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DVIULC6-2x6
Recommendation on PCB assembly
11/17
4
Recommendation on PCB assembly
4.1
Stencil opening design
1.
General recommendation on stencil opening design
a)
Stencil opening dimensions: L (Length), W (Width), T (Thickness)
Figure 26.
Stencil opening dimensions.
b)
General Design Rule
Stencil thickness (T) = 75 ~ 125 µm
2.
Reference design
a)
Stencil opening thickness: 100 µm
b)
Stencil opening for leads: Opening to footprint ratio is 90%.
Figure 27.
Recommended stencil window position (µQFN only)
L
T
W
Aspect Ratio
W
T
-----
1.5
≥
=
Aspect Area
LW
×
2T L
W
+
()
----------------------------
0.66
≥
=
250 µm
236 µm
15 µm
15 µm
7µm
7µm
Footprint
Stencil window
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com