Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVIULC6-2P6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # DVIULC6-2P6
Description  Ultra low capacitance ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-2P6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button DVIULC6-2P6 Datasheet HTML 6Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 7Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 8Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 9Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 10Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 11Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 12Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 13Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical information
DVIULC6-2x6
10/17
Figure 23.
Analog crosstalk measurements
Figure 23 gives the measurement circuit for the analog application. In usual frequency range
of analog signals (up to 240 MHz) the effect on disturbed line is less than -40 dB (see
Figure 24, and Figure 25).
Figure 24.
Analog crosstalk results (typical values) for DVIULC6-2M6
Figure 25.
Analog crosstalk results (typical values) for DVIULC6-2P6
NETWORK ANALYSER
PORT 2
NETWORK ANALYSER
PORT 1
TEST BOARD
NETWORK ANALYSER
PORT 2
NETWORK ANALYSER
PORT 1
TEST BOARD
dB
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
F (Hz)
-7.6dB@7GHz
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
dB
7.2dB@7GHz
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com