Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVIULC6-2P6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DVIULC6-2P6
Description  Ultra low capacitance ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DVIULC6-2P6 Datasheet(HTML) 3 Page - STMicroelectronics

  DVIULC6-2P6 Datasheet HTML 1Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 2Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 3Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 4Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 5Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 6Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 7Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 8Page - STMicroelectronics DVIULC6-2P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DVIULC6-2x6
Characteristics
3/17
Figure 2.
Line capacitance versus line
voltage (typical values)
Figure 3.
Line capacitance versus frequency
(typical values) DVIULC6-2M6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
F=825MHz
Vosc=500mVRMS
VBUS OPEN
Tj =25 °C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Data line voltage (v)
CI/O - GND
C(pF)
0
Vosc=30mVRMS
Tj =25 °C
VI-O/GND = 0V
F(MHz)
1
10
100
1000
10000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
C(pF)
CI/O - GND
CI/O -CI/O
V
OPEN
BUS
Figure 4.
Line capacitance versus frequency
(typical values) DVIULC6-2P6
Figure 5.
Frequency response (typical
values) DVIULC6-2M6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
1000
10000
Vosc=30mVrms
T
j = 25 °C
VI-O/GND = 0V
VBUS OPEN
C I/O - GND
C I/O – I/O
F(MHz)
C(pF)
S21(db)
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 16.00
- 12.00
- 8.00
- 4.00
0.00
Fc=5.9GHz
F(Hz)
Figure 6.
Frequency response (typical
values) DVIULC6-2P6
Figure 7.
Relative variation of leakage
current versus junction
temperature (typical values)
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
- 16.00
- 12.00
- 8.00
- 4.00
0.00
Ligne
2
S21(db)
Fc
F(Hz)
=5.3GHz
1
2
3
4
5
25
50
75
100
125
I[T
RM
j] / I
[T
RM
j=25°C]
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com