Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRIS2K-A1S Datasheet(PDF) 56 Page - STMicroelectronics

Part # LRIS2K-A1S
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-A1S Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LRIS2K-A1S Datasheet HTML 52Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 53Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 54Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 55Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 56Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 57Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 58Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 59Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
Stay Quiet
LRIS2K
56/102
24
Stay Quiet
Command code = 0x02
On receiving the Stay Quiet command, the LRIS2K enters the Quiet state and does NOT
send back a request. There is NO response to the Stay Quiet command even if an error
occurs.
When in the Quiet state:
●
the LRIS2K does not process any request if the Inventory_flag is set,
●
the LRIS2K processes any Addressed request
The LRIS2K exits the Quiet state when:
●
it is reset (power off),
●
receiving a Select request. It then goes to the Selected state,
●
receiving a Reset to Ready request. It then goes to the Ready state.
The Stay Quiet command must always be executed in Addressed mode (Select_flag is reset
to 0 and Address_flag is set to 1).
Table 30.
Stay Quiet request format
Request
SOF
Request_flags
Stay Quiet
UID
CRC16
Request
EOF
8 bits
02h
64 bits
16 bits
Figure 41.
Stay Quiet frame exchange between VCD and LRIS2K
VCD
SOF
Stay Quiet
request
EOF
LRIS2K
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com