Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRIS2K-A1S Datasheet(PDF) 96 Page - STMicroelectronics

Part # LRIS2K-A1S
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-A1S Datasheet(HTML) 96 Page - STMicroelectronics

Back Button LRIS2K-A1S Datasheet HTML 92Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 93Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 94Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 95Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 96Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 97Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 98Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 99Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
Part numbering
LRIS2K
96/102
48
Part numbering
For further information on any aspect of this device, please contact your nearest ST sales
office.
Table 99.
Ordering information scheme
Example:
LRIS2K
-
W4/2
Device type
LRIS2K
Package
W4 =180 µm ± 15 µm unsawn wafer
SBN18 = 180 µm ± 15 µm bumped and sawn wafer on 8-inch frame
A1T = 45 mm x 76 mm copper antenna on continuous tape
A1S = 4 5mm x 76 mm copper singulated adhesive antenna on tape
A6S2U = 35 mm copper singulated adhesive CD antenna on white PET tape and no marking
A7T = 20 mm x 40 mm copper antenna on continuous tape
MBTG = UFDFPN8 (MLP8), tape & reel packing, ECOPACK®, RoHS compliant, Sb2O3-free and
TBBA-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com