Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRIS2K-A1S Datasheet(PDF) 44 Page - STMicroelectronics

Part # LRIS2K-A1S
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-A1S Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LRIS2K-A1S Datasheet HTML 40Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 41Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 42Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 43Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 44Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 45Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 46Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 47Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Request format
LRIS2K
44/102
.
Table 19.
Request_flags 5 to 8 when Bit 3 = 0
Bit No
Flag
Level
Description
Bit 5
Select_flag(1)
1.
If the Select_flag is set to 1, the Address_flag is set to 0 and the UID field is not present in the request.
0
Request is executed by any LRIS2K according to the setting of
Address_flag
1
Request is executed only by the LRIS2K in Selected state
Bit 6
Address_flag(1)
0
Request is not addressed. UID field is not present. The request is
executed by all LRIS2Ks.
1
Request is addressed. UID field is present. The request is
executed only by the LRIS2K whose UID matches the UID
specified in the request.
Bit 7
Option_flag
0
Bit 8
RFU
0
Table 20.
Request_flags 5 to 8 when Bit 3 = 1
Bit No
Flag
Level
Description
Bit 5
AFI_flag
0
AFI field is not present
1
AFI field is present
Bit 6
Nb_slots_flag
0
16 slots
11 slot
Bit 7
Option_flag
0
Bit 8
RFU
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com