Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRIS2K-A1S Datasheet(PDF) 42 Page - STMicroelectronics

Part # LRIS2K-A1S
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-A1S Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LRIS2K-A1S Datasheet HTML 38Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 39Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 40Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 41Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 42Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 43Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 44Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 45Page - STMicroelectronics LRIS2K-A1S Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
Modes
LRIS2K
42/102
14
Modes
The term “mode” refers to the mechanism used in a request to specify the set of LRIS2Ks
that will answer the request.
14.1
Addressed mode
When the Address_flag is set to 1 (Addressed mode), the request contains the Unique ID
(UID) of the addressed LRIS2K.
Any LRIS2K that receives a request with the Address_flag set to 1 compares the received
Unique ID to its own. If it matches, then the LRIS2K executes the request (if possible) and
returns a request to the VCD as specified in the command description.
If the UID does not match, then it remains silent.
14.2
Non-addressed mode (general request)
When the Address_flag is cleared to 0 (Non-Addressed mode), the request does not contain
a Unique ID. Any LRIS2K receiving a request with the Address_flag cleared to 0 executes it
and returns a request to the VCD as specified in the command description.
14.3
Select mode
When the Select_flag is set to 1 (Select mode), the request does not contain an LRIS2K
Unique ID. The LRIS2K in the Selected state that receives a request with the Select_flag set
to 1 executes it and returns a request to the VCD as specified in the command description.
Only LRIS2Ks in the Selected state answer a request where the Select_flag set to 1.
The system design ensures in theory that only one LRIS2K can be in the Select state at a
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com