Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM8800A Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 7Page - STMicroelectronics PM8800A Datasheet HTML 8Page - STMicroelectronics PM8800A Datasheet HTML 9Page - STMicroelectronics PM8800A Datasheet HTML 10Page - STMicroelectronics PM8800A Datasheet HTML 11Page - STMicroelectronics PM8800A Datasheet HTML 12Page - STMicroelectronics PM8800A Datasheet HTML 13Page - STMicroelectronics PM8800A Datasheet HTML 14Page - STMicroelectronics PM8800A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
PM8800A
Electrical specifications
11/35
Power good indication
Hot-swap VDS
VDS falling
1.45 (1)
1.60
1.75 (1)
V
Hysteresis
1.45
V
Hot-swap VGS required
for power good
Guaranteed by design
2
V
nPGD
nPGD current source
25 (1)
30
35
µA
nPGD pull down
resistance
nPGD low; I = -5 mA
0.5 (1)
V
nPGD threshold
nPGD rising
1.7 (1)
22.3 (1)
V
Auxiliary power
AUX I
AUXI_IRL UVLO release
VIN rising
15 (1)
16
17 (1)
V
AUXI_IRL UVLO lock-out
VIN falling
11.5 (1)
12.5
13.5 (1)
V
AUXI / IRL switch-over
threshold
VAUXI_IRL rising
2
V
AUX II
Bias voltage
IAUXII = 0 to -250 µA
0.85
1.1
1.4
V
Lower threshold current
20
35
50
µA
Upper threshold current
80
100
120
µA
Table 5.
Electrical characteristics - interface section (continued)
(VIN = 48 V, VCC = open, TA = 25 °C unless otherwise specified).
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com