Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM8800A Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 10Page - STMicroelectronics PM8800A Datasheet HTML 11Page - STMicroelectronics PM8800A Datasheet HTML 12Page - STMicroelectronics PM8800A Datasheet HTML 13Page - STMicroelectronics PM8800A Datasheet HTML 14Page - STMicroelectronics PM8800A Datasheet HTML 15Page - STMicroelectronics PM8800A Datasheet HTML 16Page - STMicroelectronics PM8800A Datasheet HTML 17Page - STMicroelectronics PM8800A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Device description and operation
PM8800A
14/35
4
Device description and operation
The PM8800A is a monolithic device embedding an IEEE 802.3af compliant PD interface
together with a current mode pulse width modulator to be used in all power over Ethernet
powered devices.
In addition to the standard.3af features, PM8800A anticipates some features of the forth-
coming.3at standard, specifically targeting appliances or systems requiring higher power
with respect to the 12.95 W allowed by standard PSE.
The PD interface integrates the 24.5 k
Ω signature resistor used in detection and disabled
during the rest of operating modes. Classification is done through an external resistor
detached when classification is over, in order to save power.
The PM8800A integrates standard compliant UVLO thresholds to determine normal operat-
ing mode (UVLO rising) or recognize disconnection (UVLO falling).
A graphical representation of the voltage thresholds and hysteresis during all the operating
phases is depicted in the following figure:
Figure 6.
State diagram of the PM8800A interface depending on the input voltage
For input voltages in the range 1.5 to 11.5 V, PM8800A exposes a 24.5 k
Ω resistance. After
detection is over, the internal resistor is disabled and the external classification resistor is
presented. When classification is over, the external resistor is disconnected and the
PM8800A wait for the input voltage to overpass the UVLO voltage.
The hot-swap MOSFET is specifically designed to have a low RDSon to contain the conduc-
tion losses and sustain up to 800 mA. A constant dissipated power method is used to limit
the current in the in-rush phase. The integrated in-rush current limit controls in a safe man-
ner the current flowing through the MOSFET, shortening the duration of the hot-swap event
itself. Designers have the possibility to further limit the current in the in-rush by acting on the
proper programming resistor.
Designers have the possibility to set the limit of the current through the interface during nor-
mal operation. For non standard application, this limit exceeds the 350 mA foreseen by the
802.3af and can reach up to 800 mA.
1.5V
Classification
Detection
Powered
11.5V
10.1V
38.5V
30.5V
Input voltage
Wait for turn-on
23V
21V
31.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com