Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM8800A Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 8Page - STMicroelectronics PM8800A Datasheet HTML 9Page - STMicroelectronics PM8800A Datasheet HTML 10Page - STMicroelectronics PM8800A Datasheet HTML 11Page - STMicroelectronics PM8800A Datasheet HTML 12Page - STMicroelectronics PM8800A Datasheet HTML 13Page - STMicroelectronics PM8800A Datasheet HTML 14Page - STMicroelectronics PM8800A Datasheet HTML 15Page - STMicroelectronics PM8800A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical specifications
PM8800A
12/35
Table 6.
Electrical characteristics - SMPS section
(VIN = 48 V, VCC = open, TA = 25 °C unless otherwise specified).
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Oscillator
fosc
Free running
RT = open
85 (1)
100
115 (1)
kHz
Frequency
programmability
RT = 88 kΩ
210 (1)
240
270 (1)
kHz
RT = 33 kΩ
385 (1)
440
495 (1)
kHz
Ext. synch threshold
50 ns pulse
2.8
V
Error amplifier
VEA
EA input voltage
FB = COMP
1.21 (1)
1.25
1.29 (1)
V
GBW
Gain bandwidth
Guaranteed by design
10
MHz
G0
DC gain
Guaranteed by design
75
dB
COMP
Sink current capability
COMP to GND
-8 (1)
-15
mA
Soft start
ISS
Soft start current
Charging
7 (1)
10
13 (1)
µA
Discharging
-7 (1)
-10
-13 (1)
µA
SS voltage
After soft start
2.1 (1)
2.3
2.5 (1)
V
Current limit
Delay to output
Guaranteed by design
20
ns
Cycle by cycle current
limit threshold voltage
0.44 (1)
0.50
0.56 (1)
V
Leading edge blanking
time
80
ns
PWM comparator
Delay to output
Guaranteed by design
25
ns
Minimum duty cycle
0 (1)
%
Maximum duty cycle
80
83 (1)
%
COMP to PWM gain
Guaranteed by design
0.5
Output driver
Output high
IGD = 100 mA;
guaranteed by design
Vcc-0.4 Vcc-0.7
V
Output low
IGD = -100 mA
0.25
0.5
V
Fall time
CLOAD = 3.3 nF
35
ns
Rise time
CLOAD = 3.3 nF
35
ns
Peak source current
CLOAD = 3.3 nF;
guaranteed by design
800
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com