Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM8800A Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 15Page - STMicroelectronics PM8800A Datasheet HTML 16Page - STMicroelectronics PM8800A Datasheet HTML 17Page - STMicroelectronics PM8800A Datasheet HTML 18Page - STMicroelectronics PM8800A Datasheet HTML 19Page - STMicroelectronics PM8800A Datasheet HTML 20Page - STMicroelectronics PM8800A Datasheet HTML 21Page - STMicroelectronics PM8800A Datasheet HTML 22Page - STMicroelectronics PM8800A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
PM8800A
PD interface
19/35
inrush current level, which is set by default at 440 mA. Connecting a resistor between VSS
and AUXI_IRL it's possible to adjust this limit to a lower value.
Figure 9.
Relation between the hot-swap drain-source voltage and the default
Inrush current.
The maximum inrush current can be set by programming the value of the resistor on the
AUX_IRL pin. Depending on the chosen value there could be 3 steps (when the selected
max current is between 250 and 400 mA), 2 steps (when the selected max current is
between 140 and 250 mA) or a single step.
The formulae to select the desired inrush current is the following:
The PM8800A useful programming range for the inrush current limitation is between
140 mA and 440 mA. Practical resistor value ranges between 25 k
Ω and 82 kΩ.
Figure 10.
Inrush current limit vs RIRL
15V
VIN-VSS
30V
440
250
140
R
IRL kΩ
[]
11200
I
IRL mA
[]
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com