Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 117Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 118Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 119Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 120Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 121Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 122Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 123Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 124Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 159 page
background image
ST7LITE1xB
121/159
13.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped).
13.4.1 Supply Current
TA = -40 to +85°C unless otherwise specified
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN)
driven by external square wave, LVD disabled.
3. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
4. SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
5. All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max and fCPU max.
6. All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max. and fCPU
max.
7. This consumption refers to the Halt period only and not the associated run period which is software dependent.
Figure 71. Typical IDD in RUN vs. fCPU
Figure 72. Typical IDD in RUN at fCPU = 8MHz
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode
fCPU=8MHz
1)
7
9
mA
Supply current in WAIT mode
fCPU=8MHz
2)
33.6
Supply current in SLOW mode
fCPU=250kHz
3)
0.7
0.9
Supply current in SLOW WAIT mode7
fCPU=250kHz
4)
0.5
0.8
Supply current in HALT mode5)
-40°C
≤T
A≤+125°C
<1
6
μA
Supply current in AWUFH mode 6)7)
-40°C
≤T
A≤+125°C
20
0
1
2
3
4
5
6
7
8
9
22.5
33.5
4
4.5
55.5
66.5
Vdd (V)
.5
1
2
4
6
8
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
Note: Graph displays data beyond the normal operating range of 3V - 5.5V
0
1
2
3
4
5
6
7
8
9
22.5
33.5
4
4.5
55.5
66.5
Vdd (V)
140°C
90°C
25°C
-5°C
-45°C
Note: Graph displays data beyond the normal operating range of 3V - 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com