Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF0U6TR Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST7F10BF0U6TR
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0U6TR Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST7F10BF0U6TR Datasheet HTML 121Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 122Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 123Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 124Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 125Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 126Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 127Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 128Page - STMicroelectronics ST7F10BF0U6TR Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 159 page
background image
ST7LITE1xB
125/159
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
13.5.4 Crystal and Ceramic Resonator Oscillators
The ST7 internal clock can be supplied with ten
different Crystal/Ceramic resonator oscillators. All
the information given in this paragraph are based
on characterization results with specified typical
external components. In the application, the reso-
nator and the load capacitors have to be placed as
close as possible to the oscillator pins in order to
minimize output distortion and start-up stabiliza-
tion time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, pack-
age, accuracy...).
Notes:
1. Resonator characteristics given by the ceramic resonator manufacturer. For more information on these resonators,
please consult www.murata.com
2. SMD = [-R0: Plastic tape package
(∅ =180mm)]
LEAD = [-B0: Bulk]
3. () means load capacitor built in resonator
Figure 79. Typical Application with a Crystal or Ceramic Resonator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCrOSC
Crystal Oscillator Frequency
2
16
MHz
CL1
CL2
Recommended load capacitance ver-
sus equivalent serial resistance of the
crystal or ceramic resonator (RS)
See table below
pF
Supplier
fCrOSC
(MHz)
Typical Ceramic Resonators1)
CL1 3)
[pF]
CL2 3)
[pF]
Rd
[
Ω]
Supply Voltage
Range [V]
Temperature
Range [°C]
Type2)
Reference
1
SMD
CSBFB1M00J58-R0
220
220
2.2k
3.3V to 5.5V
-40 to 85
LEAD
CSBLA1M00J58-B0
220
220
2.2k
2
SMD
CSTCC2M00G56Z-R0
(47)
(47)
0
3.0V to 5.5V
4
SMD
CSTCR4M00G53Z-R0
(15)
(15)
0
LEAD
CSTLS4M00G53Z-B0
(15)
(15)
0
8
SMD
CSTCE8M00G52Z-R0
(10)
(10)
0
LEAD
CSTLS8M00G53Z-B0
(15)
(15)
0
12
SMD
CSTCE12M0G52Z-R0
(10)
(10)
0
3.3V to 5.5V
16
SMD
CSTCE16M0V51Z-R0
(5)
(5)
0
LEAD
CSTLS16M0X51Z-B0
(5)
(5)
0
OSC2
OSC1
fOSC
CL1
CL2
i2
ST7LITE1xB
RESONATOR
WHEN RESONATOR WITH
INTEGRATED CAPACITORS
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com