Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST608AB1 Datasheet(PDF) 26 Page - STMicroelectronics

Part # QST608AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST608AB1 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button QST608AB1 Datasheet HTML 22Page - STMicroelectronics QST608AB1 Datasheet HTML 23Page - STMicroelectronics QST608AB1 Datasheet HTML 24Page - STMicroelectronics QST608AB1 Datasheet HTML 25Page - STMicroelectronics QST608AB1 Datasheet HTML 26Page - STMicroelectronics QST608AB1 Datasheet HTML 27Page - STMicroelectronics QST608AB1 Datasheet HTML 28Page - STMicroelectronics QST608AB1 Datasheet HTML 29Page - STMicroelectronics QST608AB1 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Device operating modes
QST108
26/51
GPO state description
GPOState
Defines the state of the selected general-purpose output pin. For more information, see
Section 4.6.2: General-purpose outputs on page 20.
0: GPO state is ‘0’
1: GPO state is ‘1’
AKS group mode description
AKSGrpnMode
Defines the type of AKS for the Group n:
0: Locking AKS: First key pressed within the group locks out all other keys.
1: Unlocking AKS: Most heavily pressed key (highest signal level) is selected over
all other keys in the group.
AKS group selection description
Grpx
The selected key is a member of AKS Group x.
Key debug state description
Table 16.
GPOState
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0
GPO 5
state
GPO 4
state
GPO 3
state
GPO 2
state
GPO 1
state
Table 17.
AKSGrpnMode
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AKSGrp8
Mode
AKSGrp7
Mode
AKSGrp6
Mode
AKSGrp5
Mode
AKSGrp4
Mode
AKSGrp3
Mode
AKSGrp2
Mode
AKSGrp1
Mode
Table 18.
KeynGrp
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Grp8
Grp7
Grp6
Grp5
Grp4
Grp3
Grp2
Grp1
Table 19.
KeyDbgState
Value
Description
0x01
On-going calibration
0x02
Key released
0x04
Key touched
0x08
Key in error
0x11
Key calibration filter triggered (PosRecalI)
0x14
Key detection filter triggered (DI)
0x24
Key end of detection filter triggered (EDI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com