Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST608AB1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # QST608AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST608AB1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button QST608AB1 Datasheet HTML 28Page - STMicroelectronics QST608AB1 Datasheet HTML 29Page - STMicroelectronics QST608AB1 Datasheet HTML 30Page - STMicroelectronics QST608AB1 Datasheet HTML 31Page - STMicroelectronics QST608AB1 Datasheet HTML 32Page - STMicroelectronics QST608AB1 Datasheet HTML 33Page - STMicroelectronics QST608AB1 Datasheet HTML 34Page - STMicroelectronics QST608AB1 Datasheet HTML 35Page - STMicroelectronics QST608AB1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Electrical characteristics
QST108
32/51
6.3
EMC characteristics
Susceptibility tests are performed on a sample basis during product characterization.
6.3.1
Functional EMS (electro magnetic susceptibility)
The product is stressed by two electro magnetic events until a failure occurs:
●
ESD: Electro-Static Discharge (positive and negative) is applied on all pins of the
device until a functional disturbance occurs. This test conforms with the IEC 1000-4-2
standard.
●
FTB: A Burst of Fast Transient voltage (positive and negative) is applied to VDD and
VSS through a 100pF capacitor, until a functional disturbance occurs. This test
conforms with the IEC 1000-4-4 standard.
A device reset allows normal operations to be resumed. The test results are given in the
table below based on the EMS levels and classes defined in application note AN1709.
6.3.2
Electro magnetic interference (EMI)
The product is monitored in terms of emission. This emission test is in line with the norm
SAE J 1752/3 which specifies the board and the loading of each pin.
Table 23.
Functional EMS
Symbol
Parameter
Conditions
Level/
Class
VFESD
Voltage limits to be applied on any I/O
pin to induce a functional disturbance
VDD=5V, TA=+25°C,
complies with IEC 1000-4-2
3B
VFFTB
Fast transient voltage burst limits to be
applied through 100pF on VDD and VDD
pins to induce a functional disturbance
VDD=5V, TA=+25°C
complies with IEC 1000-4-4
4A
Table 24.
EM emissions
Symbol
Parameter
Conditions
Monitored
Frequency Band
fDEVICE = 4 MHz
(1)
1.
Data based on characterization results, not tested in production.
Unit
SEMI
Peak level
VDD=5V, TA=+25°C,
complies with SAE J
1752/3
0.1 MHz to 30 MHz
20
dB
μV
30 MHz to 130 MHz
20
130 MHz to 1 GHz
13
SAE EMI Level
2.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com