Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QST608AB1 Datasheet(PDF) 38 Page - STMicroelectronics

Part # QST608AB1
Description  Capacitive touch sensor device 8 keys with individual key state outputs or I2C interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST608AB1 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button QST608AB1 Datasheet HTML 34Page - STMicroelectronics QST608AB1 Datasheet HTML 35Page - STMicroelectronics QST608AB1 Datasheet HTML 36Page - STMicroelectronics QST608AB1 Datasheet HTML 37Page - STMicroelectronics QST608AB1 Datasheet HTML 38Page - STMicroelectronics QST608AB1 Datasheet HTML 39Page - STMicroelectronics QST608AB1 Datasheet HTML 40Page - STMicroelectronics QST608AB1 Datasheet HTML 41Page - STMicroelectronics QST608AB1 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Electrical characteristics
QST108
38/51
Figure 19.
Typical VDD-VOH vs. Iload at VDD = 3 V
Figure 20.
Typical VDD-VOH vs. VDD at Iload = 4 mA
Figure 21.
Typical VDD-VOH vs. Iload at VDD = 5 V
VDD-VOH vs Iload @ VDD = 3 V HS Pins
0
200
400
600
800
1000
1200
1400
1600
1800
0
246
Iload[mA]
-40°C
25°C
85°C
125°C
VDD-VOH vs VDD @Iload = 4 mA HS Pins
0
200
400
600
800
1000
1200
1400
1600
1800
VDD [V]
-40°C
25°C
85°C
125°C
V
DD-VOH vs Iload @ VDD = 5 V HS Pins
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
2
4
6
8
101214
Iload[mA]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com