Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPEAR-09-P022 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPEAR-09-P022
Description  SPEAr??Plus600 dual processor cores
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-P022 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPEAR-09-P022 Datasheet HTML 13Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 14Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 15Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 16Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 17Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 18Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 19Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 20Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
SPEAR-09-P022
Pin description
17/40
DDR I/F
DDR_DATA_15
AA14
I/O
Data lines
(upper byte)
SSTL_2/SSTL_18
DDR_DQS_1
AB17
Differential upper
data strobe
Differential
SSTL_2/SSTL_18
DDR_nDQS_1
AA17
DDR_DM_1
AA15
Output
Upper data mask
SSTL_2/SSTL_18
DDR_GATE_1
Y17
I/O
Upper gate open
DDR_VREF
V10
Input
Reference voltage
Analog
DDR_COMP_2V5
V9
Output
Ext. resistor 2.5 V
Analog
DDR_COMP_GND
V8
-
Common return for ext.
resistors
Power
DDR_COMP_1V8
V7
Output
Ext. resistor 1.8 V
Analog
DDR2_EN
D11
input
Configuration
TTL input buffer
3.3 V tolerant, PU
USB
DEV_DP
V1
I/O
USB device D+
Bidirectional analog
buffer
5 V tolerant
DEV_DM
V2
USB device D-
DEV_VBUS
R4
Input
USB device VBUS
TTL input buffer
3.3 V tolerant, PD
HOST1_DP
T1
I/O
USB HOST1 D+
Bidirectional analog
buffer
5 V tolerant
HOST1_DM
T2
USB HOST1 D-
HOST1_VBUS
P5
Output
USB HOST1 VBUS
TTL output buffer 3.3 V
capable, 4 mA
HOST1_OVRC
P6
Input
USB host1
over-current
TTL input buffer
3.3 V tolerant, PD
HOST2_DP
P1
I/O
USB HOST2 D+
Bidirectional analog
buffer
5 V tolerant
HOST2_DM
P2
USB HOST2 D-
HOST2_VBUS
R5
Output
USB HOST2 VBUS
TTL output buffer 3.3 V
capable, 4 mA
HOST2_OVRC
R6
Input
USB host2
over-current
TTL input buffer
3.3 V tolerant, PD
USB_RREF
U4
Output
Reference resistor
Analog
Master
Clock
MCLK_XI
Y1
Input
30 MHz crystal I
Oscillator
2.5 V capable
MCLK_XO
Y2
Output
30 MHz crystal O
RTC
RTC_XI
A9
Input
32KHz crystal I
Oscillator 1 V capable
RTC_XO
B9
Output
32 KHz crystal O
SMI
SMI_DATAIN
L21
Input
Serial Flash
input data
TTL input buffer
3.3 V tolerant, PU
Table 2.
Pin description by functional group (continued)
Group
Signal name
Ball
Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com