Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPEAR-09-P022 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPEAR-09-P022
Description  SPEAr??Plus600 dual processor cores
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-P022 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPEAR-09-P022 Datasheet HTML 14Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 15Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 16Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 17Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 18Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 19Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 20Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 21Page - STMicroelectronics SPEAR-09-P022 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Pin description
SPEAR-09-P022
18/40
SMI
SMI_DATAOUT
L20
Output
Serial Flash
output data
TTL output buffer
3.3 V capable, 4 mA
SMI_CLK
L22
Serial Flash clock
SMI_CS_0
L19
Serial Flash
chip selects
SMI_CS_1
L18
SPI
SSP_1_MOSI
AA21
I/O
Master out
slave in
TTL BIDIR buffer
3.3 V capable, 8 mA
3.3 V tolerant, PU
SSP_1_MISO
AB21
I/O
Master in
slave out
SSP_1_SCLK
AB22
I/O
Serial clock
SSP_1_SS
AA22
I/O
Slave select
SSP_2_MOSI
K20
I/O
Master out
slave in
SSP_2_MISO
K21
I/O
Master in
slave out
SSP_2_SCLK
K22
I/O
Serial clock
SSP_2_SS_0
K19
I/O
Slave select
SSP_2_SS_1
K18
I/O
Slave select
SSP_3_MOSI
J20
I/O
Master out
slave in
SSP_3_MISO
J21
I/O
Master in
slave out
SSP_3_SCLK
J22
I/O
Serial clock
SSP_3_SS
J19
I/O
Slave select
UART
UART1_TXD
AA19
Output
Serial data out
TTL output buffer
3.3 V capable, 4 mA
UART2_TXD
AA20
Output
UART1_RXD
AB19
Input
Serial data In
TTL input buffer
3.3 V tolerant, PD
UART2_RXD
AB20
Input
FIRDA
FIRDA_TXD
AA18
Output
Serial data out
TTL output buffer
3.3 V capable, 4 mA
FIRDA_RXD
AB18
Input
Serial data in
TTL input buffer
3.3 V tolerant, PU
I2C
SDA
Y18
I/O
Serial data in/out
TTL BIDIR buffer
3.3 V capable, 4 mA
3.3 V tolerant, PU
SCL
Y19
I/O
Serial clock
NAND
FLASH
I/F
NF_IO_0
H19
I/O
Data
TTL BIDIR buffer
3.3 V capable, 4 mA
3.3 V tolerant, PU
Table 2.
Pin description by functional group (continued)
Group
Signal name
Ball
Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com